Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2598 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXD2598
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2598 Datasheet(HTML) 1 Page - Sony Corporation

  CXD2598 Datasheet HTML 1Page - Sony Corporation CXD2598 Datasheet HTML 2Page - Sony Corporation CXD2598 Datasheet HTML 3Page - Sony Corporation CXD2598 Datasheet HTML 4Page - Sony Corporation CXD2598 Datasheet HTML 5Page - Sony Corporation CXD2598 Datasheet HTML 6Page - Sony Corporation CXD2598 Datasheet HTML 7Page - Sony Corporation CXD2598 Datasheet HTML 8Page - Sony Corporation CXD2598 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 147 page
background image
CXD2598Q
CD Digital Signal Processor with Built-in Digital Servo and DAC
Description
The CXD2598Q is a digital signal processor LSI for
CD players. This LSI incorporates a digital servo,
digital filter, 1-bit DAC and analog low-pass filter on a
single chip.
Features
• All digital signal processing during playback is
performed with a single chip
• Highly integrated mounting possible due to a built-
in RAM
Digital Signal Processor (DSP) Block
• Playback mode supporting CAV (Constant Angular
Velocity)
• Frame jitter free
• 0.5
× to 4× continuous playback possible
• Allows relative rotational velocity readout
• Wide capture range playback mode
• Spindle rotational velocity following method
• Supports normal-speed to 4
× speed playback
• Supports variable pitch playback
• The bit clock, which strobes the EFM signal, is
generated by the digital PLL.
• EFM data demodulation
• Enhanced EFM frame sync signal protection
• Refined super strategy-based powerful error correction
C1: double correction, C2: quadruple correction
Supported during 4
× speed playback
• Noise reduction during track jumps
• Auto zero-cross mute
• Subcode demodulation and Sub-Q data error detection
• Digital spindle servo
• 16-bit traverse counter
• Asymmetry correction circuit
• CPU interface on serial bus
• Error correction monitor signal, etc. output from a
new CPU interface
• Servo auto sequencer
• Fine search performs track jumps with high accuracy
• Digital audio interface outputs
• Digital level meter, peak meter
• Bilingual compatible
• VCO control mode
• CD TEXT data demodulation
Digital Servo (DSSP) Block
• Microcomputer software-based flexible servo control
• Offset cancel function for servo error signal
• Auto gain control function for servo loop
• E:F balance, focus bias adjustment functions
• Surf jump function supporting micro two-axis
• Tracking filter: 6 stages
Focus filter: 5 stages
Digital Filter, DAC and Analog Low-Pass Filter Blocks
• DBB (digital bass boost) function
• Digital de-emphasis
• Digital attenuation
• 8fs oversampling digital filter
• Adoption of tertiary
∆∑ noise shaper
• S/N: 100dB or more (master clock: 384Fs, typ.)
Logical value: 109dB
• THD + N: 0.007% or less (master clock: 384Fs, typ.)
• Rejection band attenuation: –60dB or less
• Double-speed playback supported
Applications
CD players
Structure
Silicon gate CMOS IC
Absolute Maximum Ratings
• Supply voltage
VDD
–0.3 to +7.0
V
• Input voltage
VI
–0.3 to +7.0
V
(Vss – 0.3V to VDD + 0.3V)
• Output voltage
VO
–0.3 to +7.0
V
(Vss – 0.3V to VDD + 0.3V)
• Storage temperature
Tstg
–40 to +125
°C
• Supply voltage difference
VSS – AVSS –0.3 to +0.3
V
VDD – AVDD –0.3 to +0.3
V
Note) AVDD includes XVDD and AVSS includes XVSS.
Recommended Operating Conditions
• Supply voltage
VDD
2.7 to 5.5
V
• Operating temperature Topr
–20 to +75
°C
Note) The VDD for the CXD2598Q varies according
to the playback speed selection.
I/O Pin Capacitance
• Input capacitance
CI
11 (Max.)
pF
• Output capacitance
CO
11 (Max.)
pF
• I/O capacitance
CI/O
11 (Max.)
pF
Note) Measurement conditions
VDD = VI = 0V
fM = 1MHz
– 1 –
E97Y14-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
100 pin QFP (Plastic)
Playback speed
CD-DSP block
DAC block
4
×
4.75 to 5.25
2
×
3.0 to 5.5
4.5 to 5.5
1
×
2.7 to 5.5
2.7 to 5.5
VDD[V]


Similar Part No. - CXD2598

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results

Similar Description - CXD2598

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com