Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PEH169 Datasheet(PDF) 6 Page - Kemet Corporation

Part No. PEH169
Description  Standards IEC 60384-4 Long Life Grade
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH169 Datasheet(HTML) 6 Page - Kemet Corporation

  PEH169 Datasheet HTML 1Page - Kemet Corporation PEH169 Datasheet HTML 2Page - Kemet Corporation PEH169 Datasheet HTML 3Page - Kemet Corporation PEH169 Datasheet HTML 4Page - Kemet Corporation PEH169 Datasheet HTML 5Page - Kemet Corporation PEH169 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image

peh 169 (85°C and 105°C)
reliability
operational data
Please see operational lifetime section.
meChaniCal data
mounting position
The capacitor can be mounted upright or
inclined to a horizontal position.
Clamp fixing
Clips must be ordered seperately. See
“Accessories”.
stud fixing
Nylon cap nut must be ordered separately.
For the stud fixing insulated version the
outer insulation serves as lock washer. See
“Accessories”. Max tightening torque: M8:
3 Nm M12: 8 Nm. Max chassis thickness 5
mm. Mounting hole: See “Accessories”.
screw terminals
M5 x 10 according to DIN 41.248. Max
tightening torque: 2.5 Nm. Must be ordered
separately: See “Accessories”.
Recommended max connector thickness
with delivered screw: 4 mm. M6 thread on
request.
insulation can
PEH169 is supplied with a polypropylene
insulation can, thickness 0.8 mm. Voltage
proof of the insulation sleeve:
≥ 4000 VDC.
PVC shrink sleeve only on request.
Pos 1–20
p
e
h
1
6
9
k
u
5
6
8
0
Q
b
2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Capacitance tolerances:
Pos. 13: Q= –10 to +30%
Pos. 14-15: B2 = with bottom stud
M: -20 to +20%
U2 = without bottom stud
ordering information
Quantities and weights
CASE CODE
A
B
C
D
H
I
J
K
L
M
N
O
P
Q
S
T
U
V
X
Y
Weight approx (g)
70
85 105 130 180 300 240 265 430 750 950 415 530 460 520 585 640 800 1400 1400
Standard box quantity 42
42
42
42
20
20
20
20
9
6
6
12
9
12
12
9
9
9
9
6
The failure rate is derived from our periodic
test results. The failure rate (l
R) is therefore
only given at test temperature for life tests.
An estimation is also given at 60°C.
The expected failure rate for this capacitor
range is based on our periodic test results
for capacitors with structural similarity.
T
a
Failure rate per hour
85°C
1 x 10-6
60°C
1 x 10-7
Failure rate per hour for catastrophic
plus parametric failures.
© KEMET 2006. Reproduction, publication and dissemination of this publication, enclosures hereto and the
information contained therein without KEMET's prior express consent is prohibited.


Similar Part No. - PEH169

ManufacturerPart No.DatasheetDescription
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH169RK433VMU2 KEMET-PEH169RK433VMU2 Datasheet
60Kb / 1P
   Capacitor, aluminum, 3300 uF, /-20% Tol, -40/85C, 200VDC@85째 C
More results

Similar Description - PEH169

ManufacturerPart No.DatasheetDescription
Kemet Corporation
Kemet Corporation
ALC40 KEMET-ALC40 Datasheet
686Kb / 6P
   IEC 60384-4 Long Life Grade 40/105/56
ALS30 KEMET-ALS30 Datasheet
496Kb / 7P
   IEC 60384-4 Long Life Grade 40/85/56
ALS42 KEMET-ALS42 Datasheet
215Kb / 4P
   IEC 60384-4 Long Life Grade 40/105/56
ALC10 KEMET-ALC10 Datasheet
701Kb / 7P
   IEC 60384-4 Long Life Grade 40/85/56,
ALC42 KEMET-ALC42 Datasheet
584Kb / 5P
   IEC 60384-4 Long Life Grade 40/105/56
ALS34 KEMET-ALS34 Datasheet
606Kb / 8P
   IEC 60384-4 Long Life Grade 40/85/56
ALS32 KEMET-ALS32 Datasheet
483Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56
ALS40 KEMET-ALS40 Datasheet
309Kb / 6P
   IEC 60384-4 Long Life Grade 40/105/56
PEH205 KEMET-PEH205 Datasheet
193Kb / 3P
   IEC 60384-4 Long Life Grade 55/125/56
ALC12 KEMET-ALC12 Datasheet
565Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz