Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PEH169 Datasheet(PDF) 1 Page - Kemet Corporation

Part No. PEH169
Description  Standards IEC 60384-4 Long Life Grade
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH169 Datasheet(HTML) 1 Page - Kemet Corporation

  PEH169 Datasheet HTML 1Page - Kemet Corporation PEH169 Datasheet HTML 2Page - Kemet Corporation PEH169 Datasheet HTML 3Page - Kemet Corporation PEH169 Datasheet HTML 4Page - Kemet Corporation PEH169 Datasheet HTML 5Page - Kemet Corporation PEH169 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
0
RoHS
Compliant
dimensions table peh 169 (mm)
d x l
Case
d1
l1
l2
l3
s
s1
m
a
b
d
m*
weight
code
±1.0
±1.0
±1.0
±1.0
±0.5
approx (g)
35 x 51
A
36.6
51.5
54.5
58.9
12
11.0
M8
13.0
8
M5
70
35 x 60
B
36.6
59.5
62.5
66.9
12
11.0
M8
13.0
8
M5
85
35 x 75
C
36.6
73.5
76.5
80.9
12
11.0
M8
13.0
8
M5
105
35 x 95
D
36.6
94.5
97.5
101.9
12
11.0
M8
13.0
8
M5
130
50 x 75
H
51.6
74.5
77.5
82.4
16
15.0
M12
22.0
13
15
M5
180
50 x 95
J
51.6
95.5
98.5
103.4
16
15.0
M12
22.0
13
15
M5
240
50 x 105
K
51.6
103.5
106.5
111.4
16
15.0
M12
22.0
13
15
M5
265
50 x 115
I**
51.6
115.5
118.5
123.4
16
15.0
M12
22.0
13
15
M5
300
65 x 105
O
66.6
106.0
109.2
113.0
16
14.8
M12
28.5
13
15
M5
415
65 x 115
Q**
66.6
118.0
121.2
125.0
16
14.8
M12
28.5
13
15
M5
460
65 x 130
S**
66.6
129.0
132.2
136.0
16
14.8
M12
28.5
13
15
M5
520
75 x 78
L
76.6
77.0
80.2
84.0
16
14.8
M12
32.0
13
15
M5
430
75 x 98
P**
76.6
98.0
101.2
105.0
16
14.8
M12
32.0
13
15
M5
530
75 x 105
T
76.6
106.0
109.2
113.0
16
14.8
M12
32.0
13
15
M5
585
75 x 115
U
76.6
118.0
121.2
125.0
16
14.8
M12
32.0
13
15
M5
640
75 x 145
V
76.6
146.0
149.2
153.0
16
14.8
M12
32.0
13
15
M5
800
75 x 220
X
76.6
221.0
224.2
228.0
16
14.8
M12
32.0
13
15
M5
1400
90 x 78
M
91.6
76.5
79.7
83.4
16
14.8
M12
32.0
13
15
M5
750
90 x 98
N
91.6
97.5
100.7
104.4
16
14.8
M12
32.0
13
15
M5
950
90 x 145
Y
91.6
145.5
148.7
152.4
16
14.8
M12
32.0
13
15
M5
1400
* M6 and other threads on request. **on request
PEH 169 105°c
• high performance
• long life, > 10 years at 50°C
• low esr and esl
• high stability, 10 years shelf life
• optimized designs available on request
appliCation
basiC design
Smoothing, energy storage, or pulse
operation in telecommunication demanding
power supplies, process control, AC-motor
control, traction, welding and measuring.
PEH 169 is a Long Life electrolytic capacitor
with outstanding reliability and electrical
performance. Polarized, all-welded design,
heavy duty screw terminals, extended
cathode construction, safety vent and
plastic insulation. The PEH 169 winding is
housed in a cylindrical aluminium can with
a reinforced moulded lid incorporating a
safety vent. The sealing system is designed
for electrolyte leakage free operation and
a very low gas-diffusion rate of electrolyte.
Mechanical contact between the winding
and the case allows excellent heat transfer
from the winding to the ambient, which
means cooler operation. Low ESR is a result
of a low resistive paper/electrolyte system,
at least two tabs per foil and all-welded
design.
standards
Standards IEC 60384-4 Long Life Grade
40/105/56, DIN 41240, type 1A
CECC 30300
DIN 40040 GPF, DIN 41248
CeCC
CECC 30301-030,
Corresponding to
CECC 30301-803
Capacitance range
100–330000 µF
Capacitance tolerance
–10 to +30%
rated voltage
10–350 VDC
temperature range
–40 to +105°C
operational life time
25000 h at 105°C
Case Ø = 90 mm
shelf life
5000h at 0V +105°C, or
10 years at 0V +40°C
diameter range
35–90 mm
speCifiCation
© KEMET 2006. Reproduction, publication and dissemination of this publication, enclosures hereto and the
information contained therein without KEMET's prior express consent is prohibited.


Similar Part No. - PEH169

ManufacturerPart No.DatasheetDescription
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH169RK433VMU2 KEMET-PEH169RK433VMU2 Datasheet
60Kb / 1P
   Capacitor, aluminum, 3300 uF, /-20% Tol, -40/85C, 200VDC@85째 C
More results

Similar Description - PEH169

ManufacturerPart No.DatasheetDescription
Kemet Corporation
Kemet Corporation
ALC40 KEMET-ALC40 Datasheet
686Kb / 6P
   IEC 60384-4 Long Life Grade 40/105/56
ALS30 KEMET-ALS30 Datasheet
496Kb / 7P
   IEC 60384-4 Long Life Grade 40/85/56
ALS42 KEMET-ALS42 Datasheet
215Kb / 4P
   IEC 60384-4 Long Life Grade 40/105/56
ALC10 KEMET-ALC10 Datasheet
701Kb / 7P
   IEC 60384-4 Long Life Grade 40/85/56,
ALC42 KEMET-ALC42 Datasheet
584Kb / 5P
   IEC 60384-4 Long Life Grade 40/105/56
ALS34 KEMET-ALS34 Datasheet
606Kb / 8P
   IEC 60384-4 Long Life Grade 40/85/56
ALS32 KEMET-ALS32 Datasheet
483Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56
ALS40 KEMET-ALS40 Datasheet
309Kb / 6P
   IEC 60384-4 Long Life Grade 40/105/56
PEH205 KEMET-PEH205 Datasheet
193Kb / 3P
   IEC 60384-4 Long Life Grade 55/125/56
ALC12 KEMET-ALC12 Datasheet
565Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz