Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4144K Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPD4144K
Description  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4144K Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPD4144K Datasheet HTML 1Page - Toshiba Semiconductor TPD4144K Datasheet HTML 2Page - Toshiba Semiconductor TPD4144K Datasheet HTML 3Page - Toshiba Semiconductor TPD4144K Datasheet HTML 4Page - Toshiba Semiconductor TPD4144K Datasheet HTML 5Page - Toshiba Semiconductor TPD4144K Datasheet HTML 6Page - Toshiba Semiconductor TPD4144K Datasheet HTML 7Page - Toshiba Semiconductor TPD4144K Datasheet HTML 8Page - Toshiba Semiconductor TPD4144K Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPD4144K
2012-02-09
1
TOSHIBA Intelligent Power Device
High Voltage Monolithic Silicon Power IC
TPD4144K
The TPD4144K is a DC brush less motor driver using high
voltage PWM control. It is fabricated by high voltage SOI process.
It is three-shunt resistor circuit for current sensing. It contains
level shift high-side driver, low-side driver, IGBT outputs, FRDs
and protective functions for over-current circuit and under
voltage protection circuits and thermal shutdown circuit. It is
easy to control a DC brush less motor by just putting logic inputs
from a MPU or motor controller to the TPD4144K.
Features
• High voltage power side and low voltage signal side terminal are separated.
• It is the best for current sensing in three shunt resistance.
• Bootstrap circuit gives simple high-side supply.
• Bootstrap diodes are built in.
• A dead time can be set as a minimum of 1.4 μs, and it is suitable for a Sine-wave from drive.
• 3-phase bridge output using IGBTs.
• FRDs are built in.
• Included over-current and under-voltage protection, and thermal shutdown.
• The regulator of 7 V (typ.) is built in.
• Package: 26-pin DIP.
This product has a MOS structure and is sensitive to electrostatic discharge. When handling this product, ensure that
the environment is protected against electrostatic discharge.
HDIP26-P-1332-2.00
Weight: 3.8 g (typ.)


Similar Part No. - TPD4144K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4144AK TOSHIBA-TPD4144AK Datasheet
377Kb / 23P
   High Voltage Monolithic Silicon Power IC
More results

Similar Description - TPD4144K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK Datasheet
170Kb / 14P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4142K TOSHIBA-TPD4142K Datasheet
387Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135K TOSHIBA-TPD4135K Datasheet
371Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4146K TOSHIBA-TPD4146K Datasheet
390Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4102K TOSHIBA-TPD4102K Datasheet
361Kb / 28P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4151K TOSHIBA-TPD4151K Datasheet
981Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK_07 Datasheet
372Kb / 24P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4131K TOSHIBA-TPD4131K Datasheet
380Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4152F TOSHIBA-TPD4152F Datasheet
967Kb / 27P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
2016-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com