Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4135K Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # TPD4135K
Description  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4135K Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button TPD4135K Datasheet HTML 15Page - Toshiba Semiconductor TPD4135K Datasheet HTML 16Page - Toshiba Semiconductor TPD4135K Datasheet HTML 17Page - Toshiba Semiconductor TPD4135K Datasheet HTML 18Page - Toshiba Semiconductor TPD4135K Datasheet HTML 19Page - Toshiba Semiconductor TPD4135K Datasheet HTML 20Page - Toshiba Semiconductor TPD4135K Datasheet HTML 21Page - Toshiba Semiconductor TPD4135K Datasheet HTML 22Page - Toshiba Semiconductor TPD4135K Datasheet HTML 23Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
TPD4135K
2010-09-27
20
Current Control Operating Voltage (U-phase high side)
* Note: Sweeps the IS/RS pin voltage and monitors the U pin voltage.
The IS/RS pin voltage when output is off defines the current control operating voltage.
Bootstrap Current Dissipation (U-phase high side)
HU = 0V/5V
IM
BSU = 15V
LW = 0V
VCC = 15V
HW = 0V
LU = 0V
LV = 0V
HV = 0V
VBB = 18V
LW = 0V
VCC = 15V
HW = 0V
LU = 0V
LV = 0V
HV = 0V
HU = 5V
IS/RS = 0V → 0.6V
2kΩ
15V
VM


Similar Part No. - TPD4135K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

Similar Description - TPD4135K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK Datasheet
170Kb / 14P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4142K TOSHIBA-TPD4142K Datasheet
387Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4146K TOSHIBA-TPD4146K Datasheet
390Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4102K TOSHIBA-TPD4102K Datasheet
361Kb / 28P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4151K TOSHIBA-TPD4151K Datasheet
981Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK_07 Datasheet
372Kb / 24P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4131K TOSHIBA-TPD4131K Datasheet
380Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4144K TOSHIBA-TPD4144K Datasheet
375Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4152F TOSHIBA-TPD4152F Datasheet
967Kb / 27P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
2016-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com