Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD1039F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPD1039F
Description  Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1039F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPD1039F Datasheet HTML 1Page - Toshiba Semiconductor TPD1039F Datasheet HTML 2Page - Toshiba Semiconductor TPD1039F Datasheet HTML 3Page - Toshiba Semiconductor TPD1039F Datasheet HTML 4Page - Toshiba Semiconductor TPD1039F Datasheet HTML 5Page - Toshiba Semiconductor TPD1039F Datasheet HTML 6Page - Toshiba Semiconductor TPD1039F Datasheet HTML 7Page - Toshiba Semiconductor TPD1039F Datasheet HTML 8Page - Toshiba Semiconductor TPD1039F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TPD1039F
2008-03-18
4
Electrical Characteristics (Tch = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Drain-source clamp voltage
V (CL)DSS
-
VIN = 0 V, ID = 1 mA
45
-
-
V
High-level input voltage
VIH
1
VDS = 10 to 40 V, ID ≥ 1 A
3.5
-
6
Low-level input voltage
VIL
1
VDS = 10 to 40 V, ID ≤ 10μA
-
-
0.8
V
Drain cut-off current
IDSS
-
VIN = 0 V, VDS = 40 V
-
-
10
μA
High-level input current
IIH
-
VIN = 5 V, at normal operation
-
400
μA
Drain-source ON-resistance
RDS(ON)
-
VIN = 5 V, ID = 1 A
-
-
0.25
Protective circuit operation input
Voltage range
VIN(opr)
-
-
3.5
-
6
V
Overtemperature detection
(Note 6)
TOT
2
VIN = 5 V, VDD = 12 V
125
-
-
°C
Overcurrent detection
IOC
3
VIN = 5 V, VDS = 24 V
-
5
-
A
ton
-
15
-
Switching times
toff
4
VDD = 24 V, VIN = 0 V/5 V,
RL = 24Ω
-
45
-
μs
Drain-source diode forward
Voltage
VDSF
-
VIN = 0 V, IDR = 1.5 A
-
0.9
1.8
V
Note 6: Overtemperature protection is tripped at a channel temperature of 125°C.
Ensure that the channel temperature, Tch, does not exceed 125°C under the worst-case conditions.
This feature is intended to protect the device against damage. The device reliability is not guaranteed if the
device persists to remain overtemperature protection mode.
Test Circuit 1
H-level input voltage, L-level input voltage measuring circuit
Test circuit
Measured waveforms
Test Circuit 2
Overtemperature detection measuring circuit
Test circuit
Measured waveforms
1 A
VIH
VIN
ID
10
μA
VIL
TPD1039F
VDD = 10 to 40 V
IN
SOURCE
DRAIN
VIN
ID
TPD1039F
VDD = 12 V
RL = 1.2kΩ
IN
SOURCE
DRAIN
VIN = 5 V
11 V
TOT
VDS
Ta
Ta increase
12 V
0V
1 V
Ta decrease


Similar Part No. - TPD1039F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1039S TOSHIBA-TPD1039S Datasheet
212Kb / 9P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
More results

Similar Description - TPD1039F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F Datasheet
190Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F_13 Datasheet
196Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1038F TOSHIBA-TPD1038F_07 Datasheet
262Kb / 11P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1053F TOSHIBA-TPD1053F Datasheet
247Kb / 14P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1038F TOSHIBA-TPD1038F Datasheet
263Kb / 11P
   Motor, Solenoid, Lamp Drivers High Side Power Switch
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
   LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com