Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSCDAAN100PAUNV Datasheet(PDF) 5 Page - Honeywell Accelerometers

Part # NSCDAAN100PAUNV
Description  TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

NSCDAAN100PAUNV Datasheet(HTML) 5 Page - Honeywell Accelerometers

  NSCDAAN100PAUNV Datasheet HTML 1Page - Honeywell Accelerometers NSCDAAN100PAUNV Datasheet HTML 2Page - Honeywell Accelerometers NSCDAAN100PAUNV Datasheet HTML 3Page - Honeywell Accelerometers NSCDAAN100PAUNV Datasheet HTML 4Page - Honeywell Accelerometers NSCDAAN100PAUNV Datasheet HTML 5Page - Honeywell Accelerometers NSCDAAN100PAUNV Datasheet HTML 6Page - Honeywell Accelerometers NSCDAAN100PAUNV Datasheet HTML 7Page - Honeywell Accelerometers NSCDAAN100PAUNV Datasheet HTML 8Page - Honeywell Accelerometers NSCDAAN100PAUNV Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Honeywell Sensing and Control
5
Figure 2. Completed Catalog Listing Example
NSCSANN100PGUNV
SIP package, AN pressure port, no options,
100 psi gage, analog output, unamplified,
uncompensated, constant voltage
Pressure (psi)
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
NSCSANN100PGUNV Nominal 25 °C Output vs Pressure
Table 5. Pressure Types
Pressure Type
Description
Absolute
Output is proportional to the difference between applied pressure and a built-in reference to vacuum.
Reference pressure is absolute zero pressure (full vacuum).
Differential
Output is proportional to the difference between the pressures applied to each port. (Port 1
Port 2)
Reference pressure is Port 1 = Port 2.
Gage
Output is proportional to the difference between applied pressure and atmospheric (ambient)
pressure. Reference pressure is atmospheric pressure.
Table 6. Pressure Range Specifications for 1 psi to 150 psi
Pressure
Range
Offset
10
(mV/V)
Sensitivity
(mV/V/Full Scale
Span)
TCO
11
(%FSS/25 C)
TCS
12
(%FSS/25 C)
Bridge
Resistance
13
(kOhm)
TCR
14
(-40 C to
25 C)
(ppm/°C)
TCR
15
(25 C to
85 C)
(ppm/°C)
Long-term
Stability
(1000 hr,
25 °C
[77 °F])
(%FSS)
Pmin. Pmax.
Min. Max. Min.
Nom.
Max.
Min. Nom. Max. Min. Nom. Max. Min. Nom. Max.
Min.
Max.
Min.
Max.
Absolute
015PA
0
15
psi
30
60
N/A -6.0
6.0
10.3 15.0
19.7 -3.6
0.0
3.6
-7.5 -5.0 -3.0
2.6
3.5
4.4
500
1500 1500
2500
±0.25%
030PA
0
30
psi
60
120
N/A -6.0
6.0
9.9
14.8
19.7 -3.8
0.0
3.8
-7.5 -5.0 -3.0
2.6
3.5
4.4
500
1500 1500
2500
±0.25%
060PA
0
60
psi
120
250
N/A -6.0
6.0
10.7 15.2
19.7 -3.5
0.0
3.5
-7.5 -5.0 -3.0
2.6
3.5
4.4
500
1500 1500
2500
±0.25%
100PA
0
100
psi
250
250
N/A -6.0
6.0
9.1
12.6
16.1 -4.1
0.0
4.1
-7.5 -5.0 -3.0
2.6
3.5
4.4
500
1500 1500
2500
±0.25%
150PA
0
150
psi
250
250
N/A -6.0
6.0
13.6 18.9
24.2 -2.8
0.0
2.8
-7.5 -5.0 -3.0
2.6
3.5
4.4
500
1500 1500
2500
±0.25%
Differential
001PD
-1
1
psi
5
20
150 -8.5
3.5
9.0
13.0
17.0 -1.1
0.5
1.1
-6.3 -5.0 -3.8
4
5
6
1200 2200 2200
3200
±0.35%
005PD
-5
5
psi
20
40
150 -8.5
3.5
20.0 30.0
40.0 -0.6
0.2
0.6
-6.3 -5.0 -3.8
4
5
6
1200 2200 2200
3200
±0.35%
015PD
-15
15
psi
30
60
150 -7.0
5.3
20.7 31.0
41.4 -0.6
0.3
0.5
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2200
3200
±0.25%
030PD
-30
30
psi
60
120
150 -7.0
5.3
31.0 41.4
51.7 -0.3
0.2
0.3
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2200
3200
±0.25%
060PD
-60
60
psi
120
250
250 -7.0
5.3
34.8 41.4
48.0 -0.3
0.2
0.3
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2200
3200
±0.25%
100PD
-100
100
psi
250
250
250 -7.0
5.3
29.0 34.5
40.0 -0.3
0.3
0.3
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2200
3200
±0.25%
150PD
-150
150
psi
250
250
250 -7.0
5.3
43.4 51.7
60.0 -0.2
0.2
0.2
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2200
3200
±0.25%
Gage
001PG
0
1
psi
5
20
150 -8.5
3.5
4.5
6.5
8.5
-2.2
1.0
2.2
-6.3 -5.0 -3.8
4
5
6
1200 2200 2200
3200
±0.35%
005PG
0
5
psi
20
40
150 -8.5
3.6
10.0 15.0
20.0 -1.0
0.4
1.0
-6.3 -5.0 -3.8
4
5
6
1200 2200 2200
3200
±0.35%
015PG
0
15
psi
30
60
150 -7.0
5.3
10.3 15.5
20.7 -1.0
0.6
1.0
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2200
3200
±0.25%
030PG
0
30
psi
60
120
150 -7.0
5.3
15.5 20.7
25.9 -0.6
0.4
0.6
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2200
3200
±0.25%
060PG
0
60
psi
120
250
250 -7.0
5.3
17.4 20.7
24.0 -0.6
0.4
0.6
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2200
3200
±0.25%
100PG
0
100
psi
250
250
250 -7.0
5.3
14.5 17.2
20.0 -0.7
0.5
0.7
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2200
3200
±0.25%
150PG
0
150
psi
250
250
250 -7.0
5.3
21.7 25.9
30.0 -0.6
0.3
0.6
-6.0 -5.0 -3.8
2.4
3
5.5
1200 2200 2200
3200
±0.25%


Similar Part No. - NSCDAAN100PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NSCDANN015PAUNV HONEYWELL-ACC-NSCDANN015PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
NSCDANN030PAUNV HONEYWELL-ACC-NSCDANN030PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
NSCDANN060PAUNV HONEYWELL-ACC-NSCDANN060PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
NSCDANN100PAUNV HONEYWELL-ACC-NSCDANN100PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
NSCDANN150PAUNV HONEYWELL-ACC-NSCDANN150PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
More results

Similar Description - NSCDAAN100PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NSCDANN150PGUNV HONEYWELL-ACC-NSCDANN150PGUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
NBPLANN030PGUNV HONEYWELL-ACC-NBPLANN030PGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPDLNN060PAUNV HONEYWELL-ACC-NBPDLNN060PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
HSCDRRN010MD2A3 HONEYWELL-HSCDRRN010MD2A3 Datasheet
1Mb / 14P
   TruStability짰 Board Mount Pressure Sensors: HSC Series?밐igh Accuracy
NBPDANN150PAUNV HONEYWELL-NBPDANN150PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
SSCSNBN001BDAA3 HONEYWELL-SSCSNBN001BDAA3 Datasheet
606Kb / 8P
   TruStability짰 HSC Series and SSC Series Board Mount Pressure Sensors, Analog Output
logo
Sensortechnics GmbH
24PC0050D2 SENSORTECHNICS-24PC0050D2 Datasheet
55Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0035D2 SENSORTECHNICS-24PC0035D2 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070DSMT SENSORTECHNICS-24PC0070DSMT Datasheet
241Kb / 4P
   Unamplified, uncompensated pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com