Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSMA24A Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # TPSMA24A
Description  Surface Mount Automotive Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

TPSMA24A Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  TPSMA24A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd TPSMA24A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd TPSMA24A Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Electrical Characteristics (TA = 25°C unless otherwise noted)
TJ = 150°C
Maximum
Breakdown Voltage
Maximum
Maximum
Peak Pulse
Maximum
V(BR)
(1) at IT
Reverse
Reverse
Surge
Clamping
Device
(V)
Test
Stand-off
Leakage
Leakage
Current
Voltage
Marking
Current
Voltage
at VWM
at VWM
IPPM (Note 2)
at IPPM
Device
Code
Min.
Max.
IT (mA)
VWM (Volts)
IR (
µA)
ID (
µA)
(Amps)
Vc (Volts)
TPSMA6.8
ADP
6.12
7.48
10
5.50
300
1000
37.0
10.8
TPSMA6.8A
AEP
6.45
7.14
10
5.80
300
1000
38.1
10.5
TPSMA7.5
AFP
6.75
8.25
10
6.05
150
500
34.2
11.7
TPSMA7.5A
AGP
7.13
7.88
10
6.40
150
500
35.4
11.3
TPSMA8.2
AHP
7.38
9.02
10
6.63
50
200
32.0
12.5
TPSMA8.2A
AKP
7.79
8.61
10
7.02
50
200
33.1
12.1
TPSMA9.1
ALP
8.19
10.00
1.0
7.37
10
50
29.0
13.8
TPSMA9.1A
AMP
8.65
9.55
1.0
7.78
10
50
29.9
13.
TPSMA10
ANP
9.00
11.00
1.0
8.10
5.0
20
26.7
15.0
TPSMA10A
APP
9.50
10.50
1.0
8.65
5.0
20
27.6
14.5
TPSMA11
AQP
9.90
12.10
1.0
8.92
1.0
5.0
24.7
16.2
TPSMA11A
ARP
10.50
11.60
1.0
9.40
1.0
5.0
25.6
15.6
TPSMA12
ASP
10.80
13.20
1.0
9.72
1.0
5.0
23.1
17.3
TPSMA12A
ATP
11.40
12.60
1.0
10.20
1.0
5.0
24.0
16.7
TPSMA13
AUP
11.70
14.30
1.0
10.50
1.0
5.0
21.1
19.0
TPSMA13A
AVP
12.40
13.70
1.0
11.10
1.0
5.0
22.0
18.2
TPSMA15
AWP
13.50
16.30
1.0
12.10
1.0
5.0
18.2
22.0
TPSMA15A
AXP
14.30
15.80
1.0
12.80
1.0
5.0
18.9
21.2
TPSMA16
AYP
14.40
17.60
1.0
12.90
1.0
5.0
17.0
23.5
TPSMA16A
AZP
15.20
16.80
1.0
13.60
1.0
5.0
17.8
22
TPSMA18
BDP
16.20
19.80
1.0
14.50
1.0
5.0
15.1
26.5
TPSMA18A
BEP
17.10
18.90
1.0
15.30
1.0
5.0
15.9
25.5
TPSMA20
BFP
18.00
22.00
1.0
16.20
1.0
5.0
13.7
29.1
TPSMA20A
BGP
19.00
21.00
1.0
17.10
1.0
5.0
14.4
27.7
TPSMA22
BHP
19.80
24.20
1.0
17.80
1.0
5.0
12.5
31.9
TPSMA22A
BKP
20.90
23.10
1.0
18.80
1.0
5.0
13.1
30.6
TPSMA24
BLP
21.60
26.40
1.0
19.40
1.0
5.0
11.5
34.7
TPSMA24A
BMP
22.80
25.20
1.0
20.50
1.0
5.0
12.0
33.2
TPSMA27
BNP
24.30
29.70
1.0
21.80
1.0
5.0
10.2
39.1
TPSMA27A
BPP
25.70
28.40
1.0
23.10
1.0
5.0
10.7
37.5
TPSMA30
BQP
27.00
33.00
1.0
24.30
1.0
5.0
9.2
43.5
TPSMA30A
BRP
28.50
31.50
1.0
25.60
1.0
5.0
9.7
41.4
TPSMA33
BSP
29.70
36.30
1.0
26.80
1.0
5.0
8.4
47.
TPSMA33A
BTP
31.40
34.70
1.0
28.20
1.0
5.0
8.8
45.7
TPSMA36
BUP
32.40
39.60
1.0
29.10
1.0
5.0
7.7
52.0
TPSMA36A
BVP
34.20
37.80
1.0
30.80
1.0
5.0
8.0
49.9
TPSMA39
BWP
35.10
42.90
1.0
31.60
1.0
5.0
7.1
56.4
TPSMA39A
BXP
37.10
41.00
1.0
33.30
1.0
5.0
7.4
53.9
TPSMA43
BYP
38.70
47.30
1.0
34.80
1.0
5.0
6.5
61.9
TPSMA43A
BZP
40.90
45.20
1.0
36.80
1.0
5.0
6.7
59.3
Notes:
(1) V(BR) measured after IT applied for 300
µs, IT=square wave pulse or equivalent
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
Surface Mount Automotive Transient Voltage Suppressors
TPSMA6.8/A THRU TPSMA43/A
6.8V-43V 1.0mA-10mA


Similar Part No. - TPSMA24A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMA24A VISHAY-TPSMA24A Datasheet
36Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
TPSMA24A VISHAY-TPSMA24A Datasheet
99Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 20-Sep-07
TPSMA24A VISHAY-TPSMA24A Datasheet
100Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMA24A VISHAY-TPSMA24A Datasheet
81Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
TPSMA24A VISHAY-TPSMA24A Datasheet
88Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 17-Dec-12
More results

Similar Description - TPSMA24A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shanghai Shunye Electro...
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com