Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2507AQ Datasheet(PDF) 6 Page - Sony Corporation

Part # CXD2507AQ
Description  CD Digital Signal Processor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2507AQ Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXD2507AQ Datasheet HTML 2Page - Sony Corporation CXD2507AQ Datasheet HTML 3Page - Sony Corporation CXD2507AQ Datasheet HTML 4Page - Sony Corporation CXD2507AQ Datasheet HTML 5Page - Sony Corporation CXD2507AQ Datasheet HTML 6Page - Sony Corporation CXD2507AQ Datasheet HTML 7Page - Sony Corporation CXD2507AQ Datasheet HTML 8Page - Sony Corporation CXD2507AQ Datasheet HTML 9Page - Sony Corporation CXD2507AQ Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
– 6 –
CXD2507AQ
Electrical Characteristics
DC Characteristics
(VDD = AVDD = 5.0V ± 5%, VSS = AVSS = 0V, Topr = –20 to +75°C)
Item
High level input voltage
Low level input voltage
High level input voltage
Low level input voltage
High level output
voltage
Low level output
voltage
High level output
voltage
Low level output
voltage
High level output
voltage
Low level output
voltage
Input leak current
Tri-state pin output leak
current
Input voltage
VIH (1)
0.7VDD
0.3VDD
0.2VDD
VDD
0.4
VDD
0.4
VDD
0.4
±5
±5
VDD
VIL (1)
VIH (2)
VIL (2)
VSS
0.8VDD
VDD – 0.8
0
VDD – 0.8
0
VDD – 0.5
0
VOH (1)
VOL (1)
VOH (2)
VOL (2)
VOH (4)
VOL (4)
ILI
ILO
VIN (3)
V
V
V
V
V
V
V
V
V
V
µA
µA
V
1
2
4
5
6
1, ∗2, ∗3
7
3
IOH = –4mA
IOL = 4mA
IOH = –2mA
IOL = 4mA
IOH = –0.28mA
IOL = 0.36mA
VI = 0 to 5.25V
VO = 0 to 5.25V
Analog input
Schmitt input
Conditions
Min.
Typ.
Max.
Unit
Applicable
pins
Applicable pins
1 XTSL, DATA, XLAT
2 CLOK, XRST, EXCK, SQCK, MUTE, FOK, SEIN, CNIN, ASYE
3 CLTV, FILI, RF
4 MDP, PCO
5 ASYO, DOUT, FSTT, C4M, C16M, SBSO, SQSO, SCOR, EMPH, MON, LOCK, WDCK, DATO, CLKO,
XLTO, SENS, MDS, LRCK, WFCK, PCMD, BCK, GTOP, XUGF, XPCK, GFS, RFCK, XROF, MNT0, MNT1,
MNT3
6 FILO
7 MDS, MDP, PCO


Similar Part No. - CXD2507AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
CXD2500AQZ SONY-CXD2500AQZ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
CXD2500BQ SONY-CXD2500BQ Datasheet
670Kb / 48P
   CD Digital Signal Processor
CXD2508AQ SONY-CXD2508AQ Datasheet
858Kb / 49P
   CD Digital Signal Processor
CXD2508AR SONY-CXD2508AR Datasheet
858Kb / 49P
   CD Digital Signal Processor
More results

Similar Description - CXD2507AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
CXD2500BQ SONY-CXD2500BQ Datasheet
670Kb / 48P
   CD Digital Signal Processor
CXD2529Q SONY-CXD2529Q Datasheet
675Kb / 64P
   CD Digital Signal Processor
CXD3009Q SONY-CXD3009Q Datasheet
515Kb / 63P
   CD Digital Signal Processor
CXD2510Q SONY-CXD2510Q Datasheet
743Kb / 48P
   CD Digital Signal Processor
CXD2540Q-2 SONY-CXD2540Q-2 Datasheet
1Mb / 61P
   CD DIGITAL SIGNAL PROCESSOR
CXD2589Q SONY-CXD2589Q Datasheet
794Kb / 61P
   CD Digital Signal Processor
CXD2508AQ SONY-CXD2508AQ Datasheet
858Kb / 49P
   CD Digital Signal Processor
logo
Mitsubishi Electric Sem...
M50423FP MITSUBISHI-M50423FP Datasheet
638Kb / 21P
   CD Player Digital Signal Processor
logo
Hitachi Semiconductor
HD49235FS HITACHI-HD49235FS Datasheet
192Kb / 41P
   Digital Signal Processor for CD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com