Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCR6DA1828U Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TCR6DA1828U
Description  200 mA Dual Outputs CMOS Low-Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR6DA1828U Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TCR6DA1828U Datasheet HTML 5Page - Toshiba Semiconductor TCR6DA1828U Datasheet HTML 6Page - Toshiba Semiconductor TCR6DA1828U Datasheet HTML 7Page - Toshiba Semiconductor TCR6DA1828U Datasheet HTML 8Page - Toshiba Semiconductor TCR6DA1828U Datasheet HTML 9Page - Toshiba Semiconductor TCR6DA1828U Datasheet HTML 10Page - Toshiba Semiconductor TCR6DA1828U Datasheet HTML 11Page - Toshiba Semiconductor TCR6DA1828U Datasheet HTML 12Page - Toshiba Semiconductor TCR6DA1828U Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TCR6DA series
2011-02-03
9
3)
Output Voltage vs. Ambient temperature
Vout=2.5V
Vout=1.5V
Vout=1.8V
Vout=2.5V
Output current IOUT (mA)
2.4
2.5
2.6
VIN = 3.5 V,
CIN = 1 μF, COUT = 1 μF
0
60
100
200
20
40
80
120 140 160 180
−50
1.48
−25
0
25
75
50
1.49
1.5
1.51
1.52
VIN = 2.5 V,
CIN = 1 μF, COUT = 1 μF
IOUT = 50 mA
100
Ambient temperature Ta (°C)
−50
1.78
−25
0
25
75
50
1.79
1.8
1.81
1.82
VIN = 2.8 V,
CIN = 1 μF, COUT = 1 μF
IOUT = 50 mA
100
Ambient temperature Ta (°C)
−50
2.48
−25
0
25
75
50
2.49
2.5
2.51
2.52
VIN = 3.5V,
CIN = 1 μF, COUT = 1 μF
IOUT = 50 mA
100
Ambient temperature Ta (°C)


Similar Part No. - TCR6DA1828U

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
TCR-4-48G BEL-TCR-4-48G Datasheet
799Kb / 5P
   Compatible with all TCP3500 PSU models
logo
MORNSUN Science& Techno...
TCR03PI MORNSUN-TCR03PI Datasheet
456Kb / 3P
   Thermocouple Temperature Signal Input Alarms
logo
QuWireless
TCR100 QUWIRELESS-TCR100 Datasheet
3Mb / 6P
   INTEGRATED MULTI-BAND LTE OMNI ANTENNA PLACE TO INSTALL Teltonika TCR100 (ALL-IN-ONE)
2.07
logo
Toshiba Semiconductor
TCR13AGADJ TOSHIBA-TCR13AGADJ Datasheet
537Kb / 21P
   1.3 A CMOS Ultra Low Dropout Regulator
TCR15AG TOSHIBA-TCR15AG Datasheet
404Kb / 13P
   1.5 A CMOS Ultra Low Dropout, Ultra High ripple rejection ratio Regulator
2017-11-08
More results

Similar Description - TCR6DA1828U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR4S12DWBG TOSHIBA-TCR4S12DWBG Datasheet
311Kb / 15P
   200 mA CMOS Low-Dropout Regulator
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com