Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCR4S18DWBG Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCR4S18DWBG
Description  200 mA CMOS Low-Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR4S18DWBG Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCR4S18DWBG Datasheet HTML 1Page - Toshiba Semiconductor TCR4S18DWBG Datasheet HTML 2Page - Toshiba Semiconductor TCR4S18DWBG Datasheet HTML 3Page - Toshiba Semiconductor TCR4S18DWBG Datasheet HTML 4Page - Toshiba Semiconductor TCR4S18DWBG Datasheet HTML 5Page - Toshiba Semiconductor TCR4S18DWBG Datasheet HTML 6Page - Toshiba Semiconductor TCR4S18DWBG Datasheet HTML 7Page - Toshiba Semiconductor TCR4S18DWBG Datasheet HTML 8Page - Toshiba Semiconductor TCR4S18DWBG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TCR4S12DWBG~TCR4S36DWBG
2010-07-30
2
List of Products Number and Marking
Marking (top view)
Products No.
Marking
Products No.
Marking
TCR4S12DWBG
B3
TCR4S26DWBG
BN
TCR4S13DWBG
B4
TCR4S27DWBG
BO
TCR4S14DWBG
B5
TCR4S28DWBG
BP
TCR4S15DWBG
BA
TCR4S285DWBG
B7
TCR4S16DWBG
BB
TCR4S29DWBG
BR
TCR4S17DWBG
BD
TCR4S295DWBG
B6
TCR4S18DWBG
BE
TCR4S30DWBG
BS
TCR4S19DWBG
BF
TCR4S31DWBG
BT
TCR4S20DWBG
BG
TCR4S32DWBG
BV
TCR4S21DWBG
BH
TCR4S33DWBG
BW
TCR4S22DWBG
BI
TCR4S34DWBG
BX
TCR4S23DWBG
BK
TCR4S35DWBG
BY
TCR4S24DWBG
BL
TCR4S36DWBG
BZ
TCR4S25DWBG
BM
Absolute Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
6
(Note 1)
V
Control voltage
VCT
-0.3 to VIN
V
Output voltage
VOUT
-0.3 to VIN + 0.3
V
Output current
IOUT
200
mA
Power dissipation
PD
800
(Note 2)
mW
Operation temperature range
Topr
−40 to 85
°C
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1): VIN for 1.2 V to 1.4V output product is 5.5 V.
(Note 2): Rating at mounting on a board
(Glass epoxy board dimension: 40mm x 40mm, both sides of board
Wireability: a surface approximately 50%, the reverse side approximately 50%
Through hole hall: diameter 0.5mm x 28)
Example: TCR4S15DWBG (1.5 V output)
BA
Index


Similar Part No. - TCR4S18DWBG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR4DG TOSHIBA-TCR4DG Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
TCR4DG10 TOSHIBA-TCR4DG10 Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
TCR4DG105 TOSHIBA-TCR4DG105 Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
TCR4DG11 TOSHIBA-TCR4DG11 Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
TCR4DG115 TOSHIBA-TCR4DG115 Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
More results

Similar Description - TCR4S18DWBG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR6DA1528 TOSHIBA-TCR6DA1528 Datasheet
309Kb / 17P
   200 mA Dual Outputs CMOS Low-Dropout Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com