Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2498R Datasheet(PDF) 6 Page - Sony Corporation

Part # CXD2498R
Description  Timing Generator for Frame Readout CCD Image Sensor
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2498R Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXD2498R Datasheet HTML 2Page - Sony Corporation CXD2498R Datasheet HTML 3Page - Sony Corporation CXD2498R Datasheet HTML 4Page - Sony Corporation CXD2498R Datasheet HTML 5Page - Sony Corporation CXD2498R Datasheet HTML 6Page - Sony Corporation CXD2498R Datasheet HTML 7Page - Sony Corporation CXD2498R Datasheet HTML 8Page - Sony Corporation CXD2498R Datasheet HTML 9Page - Sony Corporation CXD2498R Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
– 6 –
CXD2498R
Electrical Characteristics
DC Characteristics
(Within the recommended operating conditions)
Pins
Symbol
Item
Conditions
Min.
Max.
Unit
Supply
voltage 1
Supply
voltage 2
Supply
voltage 3
Input voltage
1∗1
Input voltage
2∗2
Input/output
voltage
Output
voltage 1
Output
voltage 2
Output
voltage 3
Output
voltage 4
Output
voltage 5
Output
voltage 6
Output
current 1
Output
current 2
VDD2, VDD3
VDD4
VDD1, VDD5
RST, SSI,
SCK, SEN
TEST1, TEST2,
SNCSL, SSGSL
VD, HD
H1A, H1B,
H2A, H2B
RG
XSHP, XSHD,
PBLK, OBCLP,
CLPDM, ADCLK
CKO
MCKO
ID/EXP, WEN
V1A, V1B, V1C,
V3A, V3B, V3C,
V2, V4
SUB
VDDa
VDDb
VDDc
Vt+
Vt
VIH1
VIL1
VIH2
VIL2
VOH1
VOL1
VOH3
VOL3
VOH5
VOL5
VOH6
VOL6
VOH7
VOL7
IOL
IOM1
IOM2
IOH
IOSL
IOSH
Feed current where IOH = –1.2mA
Pull-in current where IOL = 2.4mA
Feed current where IOH = –3.3mA
Pull-in current where IOL = 2.4 mA
Feed current where IOH = –6.9mA
Pull-in current where IOL = 4.8mA
Feed current where IOH = –3.3mA
Pull-in current where IOL = 2.4mA
Feed current where IOH = –2.4mA
Pull-in current where IOL = 4.8mA
V1A/B/C, V2, V3A/B/C,
V4 = –8.25V
V1A/B/C, V2, V3A/B/C,
V4 = –0.25V
V1A/B/C, V3A/B/C = 0.25V
V1A/B/C, V3A/B/C = 14.75V
SUB = –8.25V
SUB = 14.75V
3.0
3.0
3.0
0.8VDDc
0.7VDDc
0.8VDDc
VDDc – 0.8
VDDc – 0.8
VDDc – 0.8
VDDc – 0.8
VDDc – 0.8
10.0
5.0
5.4
3.6
3.6
3.6
0.2VDDc
0.2VDDc
0.2VDDc
0.4
0.4
0.4
0.4
0.4
–5.0
–7.2
–4.0
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
1 This input pin is a schmitt trigger input.
2 This input pin is with pull-down registor in the IC.
VOH2
VOL2
Feed current where IOH = –22.0mA
Pull-in current where IOL = 14.4mA
0.4
V
V
VDDa – 0.8
Feed current where IOH = –3.3mA
Pull-in current where IOL = 2.4mA
VOH4
VOL4
VDDb – 0.8
0.4
V
V
Typ.
3.3
3.3
3.3


Similar Part No. - CXD2498R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2492R SONY-CXD2492R Datasheet
390Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2497R SONY-CXD2497R Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
More results

Similar Description - CXD2498R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2497R SONY-CXD2497R Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3619R SONY-CXD3619R Datasheet
37Kb / 2P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3615R SONY-CXD3615R Datasheet
461Kb / 43P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2470R SONY-CXD2470R Datasheet
405Kb / 38P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2492R SONY-CXD2492R Datasheet
390Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3606R SONY-CXD3606R Datasheet
330Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com