Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCR4S14DWBG Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TCR4S14DWBG
Description  200 mA CMOS Low-Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR4S14DWBG Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TCR4S14DWBG Datasheet HTML 1Page - Toshiba Semiconductor TCR4S14DWBG Datasheet HTML 2Page - Toshiba Semiconductor TCR4S14DWBG Datasheet HTML 3Page - Toshiba Semiconductor TCR4S14DWBG Datasheet HTML 4Page - Toshiba Semiconductor TCR4S14DWBG Datasheet HTML 5Page - Toshiba Semiconductor TCR4S14DWBG Datasheet HTML 6Page - Toshiba Semiconductor TCR4S14DWBG Datasheet HTML 7Page - Toshiba Semiconductor TCR4S14DWBG Datasheet HTML 8Page - Toshiba Semiconductor TCR4S14DWBG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TCR4S12DWBG~TCR4S36DWBG
2010-07-30
5
Application Note
1. Recommended Application (top view)
The figure above shows the recommended configuration for using a Low-Dropout regulator. Insert a
capacitor to VOUT and VIN for stable input/output operation. (ceramic capacitors can be used)
2. Power Dissipation
Power dissipation is measured on the board condition shown below.
[The Board Condition]
Board material: Glass epoxy
Board dimension: 40 mm x 40 mm , both sides of board , t=1.8 mm
Wireability: a surface approximately 50%
the reverse side approximately 50%
Through hole hall: diameter 0.5 mm x 28
GND
VOUT
VIN
CONTROL
1.0 μF
0.1 μF
Control Level
Operation
HIGH
ON
LOW
OFF
0
200
400
600
800
1000
-40
0
40
80
120
Ambient Temperature Ta (℃)
PD -Ta


Similar Part No. - TCR4S14DWBG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR4DG TOSHIBA-TCR4DG Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
TCR4DG10 TOSHIBA-TCR4DG10 Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
TCR4DG105 TOSHIBA-TCR4DG105 Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
TCR4DG11 TOSHIBA-TCR4DG11 Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
TCR4DG115 TOSHIBA-TCR4DG115 Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
More results

Similar Description - TCR4S14DWBG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR6DA1528 TOSHIBA-TCR6DA1528 Datasheet
309Kb / 17P
   200 mA Dual Outputs CMOS Low-Dropout Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com