Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCR4S34DWBG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCR4S34DWBG
Description  200 mA CMOS Low-Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR4S34DWBG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCR4S34DWBG Datasheet HTML 1Page - Toshiba Semiconductor TCR4S34DWBG Datasheet HTML 2Page - Toshiba Semiconductor TCR4S34DWBG Datasheet HTML 3Page - Toshiba Semiconductor TCR4S34DWBG Datasheet HTML 4Page - Toshiba Semiconductor TCR4S34DWBG Datasheet HTML 5Page - Toshiba Semiconductor TCR4S34DWBG Datasheet HTML 6Page - Toshiba Semiconductor TCR4S34DWBG Datasheet HTML 7Page - Toshiba Semiconductor TCR4S34DWBG Datasheet HTML 8Page - Toshiba Semiconductor TCR4S34DWBG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TCR4S12DWBG~TCR4S36DWBG
2010-07-30
3
Electrical Characteristics
(
Unless otherwise specified,
VIN = VOUT + 1 V, IOUT = 50 mA, CIN = 0.1 μF, COUT = 1.0 μF, Tj = 25°C)(Note 3)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
Please refer to the Output Voltage Accuracy table
Line regulation
Reg・line VOUT + 0.5 V ≤ VIN ≤ 6 V,
IOUT = 1 mA (Note 4)
1
15
mV
Load regulation
Reg・load 1 mA
≤ IOUT ≤ 150 mA
5
30
mV
Quiescent current
IB
IOUT = 0 mA
50
75
μA
Stand-by current
IB (OFF) VCT = 0 V
0.1
1.0
μA
Dropout voltage
VIN-VOUT
Please refer to the Dropout voltage table
Temperature coefficient
TCVO
−40°C ≤ Topr ≤ 85°C
100
ppm/°C
TCR4S12DWBG
to TCR4S20DWBG
25
TCR4S21DWBG
to TCR4S30DWBG
30
Output noise voltage
VNO
VIN = VOUT + 1 V,
IOUT = 10 mA,
10 Hz
≤ f ≤ 100 kHz,
Ta
= 25°C
TCR4S31DWBG
to TCR4S36DWBG
35
μVrms
TCR4S12DWBG
1.8
5.5
TCR4S13DWBG
to TCR4S14DWBG
1.85
5.5
TCR4S15DWBG
to TCR4S19DWBG
VOUT +
0.35 V
6.0
TCR4S20DWBG
to TCR4S21DWBG
VOUT +
0.28 V
6.0
TCR4S22DWBG
to TCR4S24DWBG
VOUT +
0.25 V
6.0
Input voltage
VIN
TCR4S25DWBG
to TCR4S36DWBG
VOUT +
0.20 V
6.0
V
Ripple rejection ratio
R.R.
VIN = VOUT + 1 V, IOUT = 10 mA,
f
= 1 kHz, VRipple = 500 mVp-p,
Ta
= 25°C
80
dB
Control voltage (ON)
VCT (ON) (Note 5)
1.1
6.0
V
Control voltage (OFF)
VCT (OFF)
0
0.4
V
Note 3: Unless otherwise specified, VIN for 1.2V to 1.4V output product is VOUT + 0.5 V
Note 4: VIN for 1.2V to 1.4V output product is VOUT + 0.5 V ≤ VIN ≤ 5.5 V
Note 5: VCT (ON) of 1.2V to 1.4V output product is 5.5V (max)


Similar Part No. - TCR4S34DWBG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR4DG TOSHIBA-TCR4DG Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
TCR4DG10 TOSHIBA-TCR4DG10 Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
TCR4DG105 TOSHIBA-TCR4DG105 Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
TCR4DG11 TOSHIBA-TCR4DG11 Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
TCR4DG115 TOSHIBA-TCR4DG115 Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
More results

Similar Description - TCR4S34DWBG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR6DA1528 TOSHIBA-TCR6DA1528 Datasheet
309Kb / 17P
   200 mA Dual Outputs CMOS Low-Dropout Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com