Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCR2EN115 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCR2EN115
Description  200 mA CMOS Low Drop-Out Regulator in ultra small package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EN115 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCR2EN115 Datasheet HTML 1Page - Toshiba Semiconductor TCR2EN115 Datasheet HTML 2Page - Toshiba Semiconductor TCR2EN115 Datasheet HTML 3Page - Toshiba Semiconductor TCR2EN115 Datasheet HTML 4Page - Toshiba Semiconductor TCR2EN115 Datasheet HTML 5Page - Toshiba Semiconductor TCR2EN115 Datasheet HTML 6Page - Toshiba Semiconductor TCR2EN115 Datasheet HTML 7Page - Toshiba Semiconductor TCR2EN115 Datasheet HTML 8Page - Toshiba Semiconductor TCR2EN115 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TCR2EN series
2012-05-23
3
List of Products Number, Output voltage and Marking
* Please contact your local Toshiba representative if you are interested in products with * sign
Marking
Product No.
Output voltage(V)
(typ.)
Marking
Product No.
Output voltage(V)
(typ.)
Marking
TCR2EN10
1.0
NJ
TCR2EN23*
2.3
NK
TCR2EN105*
1.05
NU
TCR2EN24*
2.4
NL
TCR2EN11
1.1
N2
TCR2EN25
2.5
NM
TCR2EN115*
1.15
NC
TCR2EN26*
2.6
NN
TCR2EN12
1.2
N3
TCR2EN27
2.7
NO
TCR2EN125
1.25
NQ
TCR2EN28
2.8
NP
TCR2EN13
1.3
N4
TCR2EN285*
2.85
N7
TCR2EN14*
1.4
N5
TCR2EN29
2.9
NR
TCR2EN15
1.5
NA
TCR2EN295*
2.95
N6
TCR2EN16*
1.6
NB
TCR2EN30
3.0
NS
TCR2EN17*
1.7
ND
TCR2EN31
3.1
NT
TCR2EN18
1.8
NE
TCR2EN32*
3.2
NV
TCR2EN19*
1.9
NF
TCR2EN33
3.3
NW
TCR2EN20*
2.0
NG
TCR2EN34*
3.4
NX
TCR2EN21
2.1
NH
TCR2EN35*
3.5
NY
TCR2EN22*
2.2
NI
TCR2EN36
3.6
NZ
N W
Example: TCR2EN33 (3.3 V output)
INDEX
Lot. No.


Similar Part No. - TCR2EN115

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EE TOSHIBA-TCR2EE Datasheet
1Mb / 16P
   200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
TCR2EE TOSHIBA-TCR2EE Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EE10 TOSHIBA-TCR2EE10 Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EE105 TOSHIBA-TCR2EE105 Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EE11 TOSHIBA-TCR2EE11 Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
More results

Similar Description - TCR2EN115

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2DG TOSHIBA-TCR2DG Datasheet
362Kb / 15P
   Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR2BE10 TOSHIBA-TCR2BE10 Datasheet
282Kb / 18P
   200 mA CMOS Low Drop-Out Regulator with Auto-discharge
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
   200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
204Kb / 7P
   250 mA Low Drop Out Voltage Regulator
logo
Toshiba Semiconductor
TCR3UM TOSHIBA-TCR3UM Datasheet
846Kb / 17P
   Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2021-11-16
TCR3UG TOSHIBA-TCR3UG Datasheet
707Kb / 18P
   Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2022-01-11
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264 Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
TS4264G TSC-TS4264G Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
logo
Toshiba Semiconductor
TCR3DG TOSHIBA-TCR3DG Datasheet
666Kb / 15P
   300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2016-03-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com