Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC02SYAN Datasheet(PDF) 4 Page - Texas Instruments

Part # SPC02SYAN
Description  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SPC02SYAN Datasheet(HTML) 4 Page - Texas Instruments

  SPC02SYAN Datasheet HTML 1Page - Texas Instruments SPC02SYAN Datasheet HTML 2Page - Texas Instruments SPC02SYAN Datasheet HTML 3Page - Texas Instruments SPC02SYAN Datasheet HTML 4Page - Texas Instruments SPC02SYAN Datasheet HTML 5Page - Texas Instruments SPC02SYAN Datasheet HTML 6Page - Texas Instruments SPC02SYAN Datasheet HTML 7Page - Texas Instruments SPC02SYAN Datasheet HTML 8Page - Texas Instruments SPC02SYAN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Getting Started
www.ti.com
1.1
Evaluation Module Operating Parameters
The following table lists the operating conditions for the DRV2603 on the evaluation module.
Parameter
Specification
Supply voltage range
2.5V to 5.2V
Power-supply Current Rating
400mA
External PWM Voltage, V
PWM (optional)
1.8V to V
DD
1.2
Quick Start Board Setup
The DRV2603EVM-CT firmware contains haptic effects which showcase the features and benefits of the
DRV2603. Follow the instructions below to begin the demo.
1. Out of the box, the jumpers are set to begin demo mode using USB power. The default jumper settings
can be found in the table below.
Jumper
Default Position
Description
JP1
Shorted
Connect MSP430 PWM output to DRV2603 PWM input
JP2
Shorted
3.3V reference for I
2C
JP3, JP4
Shorted
Connect on-board actuators to DRV2603
MSP
USB to MSP
Select USB (5V) or VBAT power for the MSP430
DRV
USB to DRV
Select USB (5V) or VBAT power for the DRV2603
2. Connect the included mini-USB cable to the USB connector on the DRV2603EVM-CT board.
3. Connect the other end of the USB cable to an available USB port on a computer, USB charger, or USB
battery pack.
4. If the board is powered correctly the four colored LEDs will light up, the four mode LEDs will flash, and
the LRA and ERM will play an effect, indicating the board has been successfully initialized.
4
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
SLOU340A – May 2012 – Revised May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - SPC02SYAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPC02SYAN TI1-SPC02SYAN Datasheet
3Mb / 33P
[Old version datasheet]   TAS5612L-TAS5614LDDVEVM
SPC02SYAN TI1-SPC02SYAN Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
SPC02SYAN TI1-SPC02SYAN Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
SPC02SYAN TI1-SPC02SYAN Datasheet
606Kb / 19P
[Old version datasheet]   TPS84250EVM-001 2.5-A, Integrated Power Solution
SPC02SYAN TI-SPC02SYAN Datasheet
534Kb / 27P
[Old version datasheet]   Tiva™ C Series TM4C123G LaunchPad Evaluation Board
April 2013
More results

Similar Description - SPC02SYAN

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
DRV2605EVM-BT TAOS-DRV2605EVM-BT Datasheet
4Mb / 34P
   evaluation kit for the DRV2605 ERM and LRA Haptic Driver.
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
   Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
logo
Texas Instruments
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
[Old version datasheet]   Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
DRV2625 TI1-DRV2625 Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
DRV2624 TI1-DRV2624 Datasheet
4Mb / 79P
[Old version datasheet]   DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
logo
Renesas Technology Corp
DA7280 RENESAS-DA7280 Datasheet
1Mb / 85P
   LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
02-Mar-2022
logo
Dialog Semiconductor
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
logo
Renesas Technology Corp
DA7281 RENESAS-DA7281 Datasheet
1Mb / 88P
   LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
10-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com