Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS49NLS93200 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS49NLS93200
Description  288Mb (x9, x18) Separate I/O RLDRAM 2 Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS49NLS93200 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS49NLS93200 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS49NLS93200 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS49NLS93200 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS49NLS93200 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS49NLS93200 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS49NLS93200 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS49NLS93200 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS49NLS93200 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS49NLS93200 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
IS49NLS93200,IS49NLS18160
Integrated Silicon Solution, Inc. – www.issi.com –
Rev. 00F, 09/25/2012
3
1.2 288Mb (16Mx18) Separate I/O BGA Ball-out (Top View)
1
2
3
4
5
6
7
8
9
10
11
12
A
VREF
VSS
VEXT
VSS
VSS
VEXT
TMS
TCK
B
VDD
D4
Q4
VSSQ
VSSQ
Q0
D0
VDD
C
VTT
D5
Q5
VDDQ
VDDQ
Q1
D1
VTT
D
A221
D6
Q6
VSSQ
VSSQ
QK0#
QK0
VSS
E
A212
D7
Q7
VDDQ
VDDQ
Q2
D2
A202
F
A5
D8
Q8
VSSQ
VSSQ
Q3
D3
QVLD
G
A8
A6
A7
VDD
VDD
A2
A1
A0
H
BA2
A9
VSS
VSS
VSS
VSS
A4
A3
J
NF3
NF3
VDD
VDD
VDD
VDD
BA0
CK
K
DK
DK#
VDD
VDD
VDD
VDD
BA1
CK#
L
REF#
CS#
VSS
VSS
VSS
VSS
A14
A13
M
WE#
A16
A17
VDD
VDD
A12
A11
A10
N
A18
D14
Q14
VSSQ
VSSQ
Q9
D9
A19
P
A15
D15
Q15
VDDQ
VDDQ
Q10
D10
DM
R
VSS
QK1
QK1#
VSSQ
VSSQ
Q11
D11
VSS
T
VTT
D16
Q16
VDDQ
VDDQ
Q12
D12
VTT
U
VDD
D17
Q17
VSSQ
VSSQ
Q13
D13
VDD
V
VREF
ZQ
VEXT
VSS
VSS
VEXT
TDO
TDI
Symbol
Description
Ball count
VDD
Supply voltage
16
VSS
Ground
16
VDDQ
DQ power supply
8
VSSQ
DQ Ground
12
VEXT
Supply voltage
4
VREF
Reference voltage
2
VTT
Termination voltage
4
A*
Address - A0-22
23
BA*
Banks - BA0-2
3
D*
Input data
18
Q*
Output data
18
DK*
Input data clock(Differential inputs)
2
QK*
Output data clocks(outputs)
4
CK*
Input clocks (CK, CK#)
2
DM
Input data mask
1
CS#,WE#,REF# Command control pins
3
ZQ
External impedance (25–60Ω)
1
QVLD
Data valid
1
NF
Do not use, No function
2
T*
JTAG - TCK,TMS,TDO,TDI
4
Total
144
NOTES:
1) Reserved for future use. This may
optionally be connected to GND.
2) Reserved for future use. This signal is
internally connected and has parasitic
characteristics of an address input signal. This
may optionally be connected to GND.
3) No function. This signal is internally
connected and has parasitic characteristics of
a clock input signal. This may optionally be
connected to GND.
4) Do not use. This signal is internally
connected and has parasitic characteristics of
a I/O. This may optionally be connected to
GND. Note that if ODT is enabled, these pins
will be connected to VTT.
NOTES:
1) Reserved for future use. This may
optionally be connected to GND.
2) Reserved for future use. This signal is
internally connected and has parasitic
characteristics of an address input signal. This
may optionally be connected to GND.
3) No function. This signal is internally
connected and has parasitic characteristics of
a clock input signal. This may optionally be
connected to GND.
4) Do not use. This signal is internally
connected and has parasitic characteristics of
a I/O. This may optionally be connected to
GND. Note that if ODT is enabled, these pins
will be connected to VTT.
Notes:
1. Reserved for future use. This may optionally be
connected to GND.
2. Reserved for future use. This signal is internally
connected and has parasitic characteristics of an address
input signal. This may optionally be connected to GND.
3. No function. This signal is internally connected and has
parasitic characteristics of a clock input signal. This may
optionally be connected to GND.


Similar Part No. - IS49NLS93200

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS49NLS96400 ISSI-IS49NLS96400 Datasheet
575Kb / 34P
   576Mb (x9, x18) Separate I/O RLDRAM??2 Memory
IS49NLS96400A ISSI-IS49NLS96400A Datasheet
978Kb / 36P
   8 internal banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com