Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8711CC-B-IP Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI8711CC-B-IP
Description  5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8711CC-B-IP Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI8711CC-B-IP Datasheet HTML 4Page - Silicon Laboratories SI8711CC-B-IP Datasheet HTML 5Page - Silicon Laboratories SI8711CC-B-IP Datasheet HTML 6Page - Silicon Laboratories SI8711CC-B-IP Datasheet HTML 7Page - Silicon Laboratories SI8711CC-B-IP Datasheet HTML 8Page - Silicon Laboratories SI8711CC-B-IP Datasheet HTML 9Page - Silicon Laboratories SI8711CC-B-IP Datasheet HTML 10Page - Silicon Laboratories SI8711CC-B-IP Datasheet HTML 11Page - Silicon Laboratories SI8711CC-B-IP Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Si87xx
8
Preliminary Rev. 0.5
Figure 1. (SOIC-8) Thermal Derating Curve, Dependence of Safety Limiting Values
with Case Temperature per DIN EN 60747-5-2
Table 7. IEC Safety Limiting Values
Parameter
Symbol
Test Condition
Max
Unit
SOIC-8
DIP8
SDIP6
LGA8
Case Temperature
TS
140
140
140
140
°C
Input Current
IS
JA = 110 °C/W (SOIC-8),
110 °C/W (DIP8),
105 °C/W (SDIP6),
220 °C (LGA8),
VF =2.8 V, TJ =140 °C,
TA =25°C
370
370
390
185
mA
Output Power
PS
11
1
0.5
W
Note: Maximum value allowed in the event of a failure; also see the thermal derating curve in Figures 1, 2, 3, and 4.
Table 8. Thermal Characteristics
Parameter
Symbol
Typ
Unit
SOIC-8
DIP8
SDIP6
LGA8
IC Junction-to-Air Thermal
Resistance
JA
110
110
105
220
ºC/W
400
600
800
1000
1200
Ps (mW)
Is(mA)
0
200
0
20406080
100
120
140
Ts CaseTemperature (°C)


Similar Part No. - SI8711CC-B-IP

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8711CC-B-IP SKYWORKS-SI8711CC-B-IP Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
More results

Similar Description - SI8711CC-B-IP

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
logo
Silicon Laboratories
SI8715BC-A-IS SILABS-SI8715BC-A-IS Datasheet
1Mb / 35P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
SI873X SKYWORKS-SI873X Datasheet
951Kb / 23P
   Low Input Current LED Emulator, Logic Output Isolators
Revision 1.0 March, 2018
logo
Silicon image
SI826X SILICONIMAGE-SI826X Datasheet
423Kb / 42P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Silicon Laboratories
SI8261AAC-C-IS SILABS-SI8261AAC-C-IS Datasheet
1Mb / 40P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Skyworks Solutions Inc.
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
logo
M-System Co.,Ltd.
5VS MSYSTEM-5VS Datasheet
96Kb / 2P
   Dual Channel Input/Output Isolators 5-UNIT
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
logo
M-System Co.,Ltd.
5BX MSYSTEM-5BX Datasheet
162Kb / 3P
   Dual Channel Input/Output Isolators 5-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com