Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2FD-2L30-1T Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2FD-2L30-1T
Description  Dust Proof Ultra Subminiature Basic Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2FD-2L30-1T Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2FD-2L30-1T Datasheet HTML 1Page - Omron Electronics LLC D2FD-2L30-1T Datasheet HTML 2Page - Omron Electronics LLC D2FD-2L30-1T Datasheet HTML 3Page - Omron Electronics LLC D2FD-2L30-1T Datasheet HTML 4Page - Omron Electronics LLC D2FD-2L30-1T Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
D2FD
Dust Proof Ultra Subminiature Basic Switch
Dimensions (Unit: mm) / Operating Characteristics
The following illustrations and drawings are for solder terminal models. PCB terminal models are omitted from the drawings. Refer to Terminals for these terminals.
When ordering, replace
@ with the code for the rating that you need. For the combination of models, refer to List of Models.
Note: 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
2. The operating characteristics are for operation in the A direction (
).
PT
2.5±0.1
2.4
+0.1
–0.05
1.2 Dia.
A
4.35
OP
6.5±0.15
2.4
Dia.
+0.1
–0.05
● Pin Plunger Models
D2FD-
@L0-1H
D2FD-
@L0-1T
Model
D2FD-
@L0-1H
D2FD-
@L0-1T
OF max.
RF min.
2.00 N {204 gf}
0.25 N {25 gf}
PT
max.
OT mix.
MD max.
0.6 mm
0.25 mm
0.12 mm
OP (-1H)
OP (-1T)
7.0
± 0.2 mm
7.0
± 0.3 mm
● Hinge Lever Models
D2FD-
@L1-1H
D2FD-
@L1-1T
Model
D2FD-
@L1-1H
D2FD-
@L1-1T
OF max.
RF min.
0.65 N {66 gf}
0.05 N {5 gf}
OT mix.
MD max.
0.5 mm
0.5 mm
FP
max.
OP (-1H)
OP (-1T)
11.3 mm
8.3
± 1.0 mm
8.3
± 1.2 mm
t = 0.3 Stainless-steel lever
A
OP
FP
6.5±0.15
3
5.25
● Simulated Roller Lever Models (R2.5)
D2FD-
@L30-1H
D2FD-
@L30-1T
Model
D2FD-
@L30-1H
D2FD-
@L30-1T
OF max.
RF min.
0.65 N {66 gf}
0.05 N {5 gf}
OT mix.
MD max.
0.5 mm
0.5 mm
FP
max.
OP (-1H)
OP (-1T)
14.3 mm
11.3
± 1.0 mm
11.3
± 1.2 mm
t = 0.3 Stainless-steel lever
R2.5
A
3
4.2
FP
OP
6.5±0.15


Similar Part No. - D2FD-2L30-1T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2FD-2L30-1T OMRON-D2FD-2L30-1T Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
More results

Similar Description - D2FD-2L30-1T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2FD OMRON-D2FD Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
logo
C&K Components
ZMS CK-COMPONENTS-ZMS Datasheet
209Kb / 4P
   Subminiature Snap-acting Switches (Dust Proof)
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com