Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8301 Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8301
Description  Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8301 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8301_12 Datasheet HTML 4Page - Texas Instruments DRV8301_12 Datasheet HTML 5Page - Texas Instruments DRV8301_12 Datasheet HTML 6Page - Texas Instruments DRV8301_12 Datasheet HTML 7Page - Texas Instruments DRV8301_12 Datasheet HTML 8Page - Texas Instruments DRV8301_12 Datasheet HTML 9Page - Texas Instruments DRV8301_12 Datasheet HTML 10Page - Texas Instruments DRV8301_12 Datasheet HTML 11Page - Texas Instruments DRV8301_12 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
DRV8301
SLOS719
– AUGUST 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
PVDD = 8-60 V, TC = 25°C, unless specified under test condition
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
GATE DRIVE OUTPUT: GH_A, GH_B, GH_C, GL_A, GL_B, GL_C
VGX_NORM
Gate driver Vgs voltage
PVDD = 8
–60V
9.5
11.5
V
Ioso1
Maximum source current setting 1, peak
Vgs of FET equals to 2 V. REG 0x02
1.7
A
Iosi1
Maximum sink current setting 1, peak
Vgs of FET equals to 8 V. REG 0x02
2.3
A
Ioso2
Source current setting 2, peak
Vgs of FET equals to 2 V. REG 0x02
0.7
A
Iosi2
Sink current setting 2, peak
Vgs of FET equals to 8 V. REG 0x02
1
A
Ioso3
Source current setting 3, peak
Vgs of FET equals to 2 V. REG 0x02
0.25
A
Iosi3
Sink current setting 3, peak
Vgs of FET equals to 8 V. REG 0x02
0.5
A
Gate output impedence during standby mode
Rgate_off
1.6
2.4
k
Ω
when EN_GATE low (pins GH_x, GL_x)
SUPPLY CURRENTS
IPVDD1_STB
PVDD1 supply current, standby
EN_GATE is low. PVDD1 = 8V.
20
50
µA
EN_GATE is high, no load on gate drive
output, switching at 10 kHz,
IPVDD1_OP
PVDD1 supply current, operating
15
mA
100 nC gate charge
IPVDD1_HIZ
PVDD1 Supply current, HiZ
EN_GATE is high, gate not switching
2
5
10
mA
INTERNAL REGULATOR VOLTAGE
AVDD
AVDD voltage
6
6.5
7
V
DVDD
DVDD voltage
3
3.3
3.6
V
VOLTAGE PROTECTION
VPVDD_UV
Under voltage protection limit, PVDD
6
V
VGVDD_UV
Under voltage protection limit, GVDD
8
V
VGVDD_OV
Over voltage protection limit, GVDD
16
V
CURRENT PROTECTION, (VDS SENSING)
VDS_OC
Drain-source voltage protection limit
0.125
2.4
V
Toc
OC sensing response time
1.5
µs
OCTW pin reporting pulse stretch length for OC
TOC_PULSE
64
µs
event
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DRV8301


Similar Part No. - DRV8301_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8301 TI1-DRV8301_14 Datasheet
408Kb / 28P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
More results

Similar Description - DRV8301_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8301 TI-DRV8301 Datasheet
387Kb / 26P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301 TI1-DRV8301_14 Datasheet
408Kb / 28P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8302 TI1-DRV8302 Datasheet
351Kb / 21P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator ??Hardware Controlled
AUGUST2011
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303EVM TI1-DRV8303EVM Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301-Q1 TI1-DRV8301-Q1 Datasheet
413Kb / 28P
[Old version datasheet]   AUTOMOTIVE THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301-Q1 TI1-DRV8301-Q1 Datasheet
413Kb / 28P
[Old version datasheet]   AUTOMOTIVE THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8305 TI-DRV8305_15 Datasheet
2Mb / 53P
[Old version datasheet]   DRV8305 Three Phase Gate Driver With Current Shunt Amplifiers and Voltage Regulator
DRV8305-Q1 TI-DRV8305-Q1_15 Datasheet
117Kb / 6P
[Old version datasheet]   DRV8305-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com