Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2463 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD2463
Description  Timing Controller for CCD Camera
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2463 Datasheet(HTML) 5 Page - Sony Corporation

  CXD2463 Datasheet HTML 1Page - Sony Corporation CXD2463 Datasheet HTML 2Page - Sony Corporation CXD2463 Datasheet HTML 3Page - Sony Corporation CXD2463 Datasheet HTML 4Page - Sony Corporation CXD2463 Datasheet HTML 5Page - Sony Corporation CXD2463 Datasheet HTML 6Page - Sony Corporation CXD2463 Datasheet HTML 7Page - Sony Corporation CXD2463 Datasheet HTML 8Page - Sony Corporation CXD2463 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
– 5 –
CXD2463R
Electrical Characteristics
1) DC Characteristics
(VDD = 5V ± 0.25V, Topr = –20 to +75°C)
Item
VDD
VIH1
VIL1
VIH2
VIL2
VIN3
VIN4
VOH1
VOL1
VOH2
VOL2
VOH3
VOL3
VOH4
VOL4
VOH5
VOL5
VOH6
VOL6
VOH7
VOL7
RFE1
RFE2
RPU
RRD
IVM
IVL
IVH
IOH = –4.0mA
IOL = 8.0mA
IOH = –6.9mA
IOL = 3.0mA
IOH = –17.4mA
IOL = 12.0mA
IOH = –6.0mA
IOL = 4.0mA
IOH = –5.0mA
IOL = 10.0mA
IOH = –7.2mA
IOL = 5.0mA
IOH = –4.0mA
IOL = 5.4mA
VIN = VDD or VSS
VIN = VDD or VSS
VIL = 0V
VIH = VDD
AVDD = 5V
CVDD = 5V
VDD1 = 5V
VDD2 = 5V
VL = –8.5V
VH = 15V
4.75
0.7VDD
0.8VDD
2.0
VSS
VDD – 0.8
VDD – 0.8
VDD – 0.8
VDD – 0.8
VM – 0.25
VH – 0.25
VH – 0.25
250k
250k
20k
20k
5.0
1M
1M
50k
50k
24
1.9
0.8
5.25
0.3VDD
0.2VDD
VDD
VDD
0.4
0.4
0.4
0.4
VL + 0.25
VM + 0.25
VL + 0.25
2.5M
2.5M
125k
125k
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage
Input voltage 1
(For input pins not listed below)
Input voltage 2
(Pin 29)
Input voltage 3
(Pins 11 and 12 in electronic iris
mode)
Input voltage 4
(Pin 13 in electronic iris mode)
Output voltage 1
(Pins 15, 23, 24, 25, 26, 33, 34, 35 and 36)
Output voltage 2
(Pins 30, 31 and 48)
Output voltage 3
(Pins 45 and 46)
Output voltage 4
(Pin 39)
Output voltage 5
(Pins 2, 3, 4 and 6)
Output voltage 6
(Pins 4 and 6 (SG))
Output voltage 7
(Pin 7)
Feedback resistor 1
(Pin 42)
Feedback resistor 2
(Resistor between Pins 40 and 41)
Pull-up resistor
Pull-down resistor
Current consumption
∗ The typical power consumption is 148mW with the ICX054BL load (in the normal operating state).


Similar Part No. - CXD2463

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2460R SONY-CXD2460R Datasheet
341Kb / 36P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2464R SONY-CXD2464R Datasheet
4Mb / 97P
   Timing Generator for LCD Panels
CXD2467AQ SONY-CXD2467AQ Datasheet
529Kb / 38P
   Digital Signal Driver/Timing Generator
CXD2467Q SONY-CXD2467Q Datasheet
533Kb / 38P
   Digital Signal Driver/Timing Generator
More results

Similar Description - CXD2463

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AI5412 A1PROS-AI5412 Datasheet
224Kb / 20P
   Timing Controller for CCD Monochrome Camera
Ver1.0
logo
Sony Corporation
CXD1257AR SONY-CXD1257AR Datasheet
666Kb / 18P
   CCD Camera Timing Generator
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
   CCD Camera Timing Generator
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
   CCD Camera Timing Generator
CXD2400R SONY-CXD2400R Datasheet
498Kb / 22P
   Timing Controller for CCD cameras
CXD1254AR SONY-CXD1254AR Datasheet
826Kb / 21P
   CCD Camera Synchronization and Timing Signal Generator
CXA1439M SONY-CXA1439M Datasheet
141Kb / 8P
   CDS FOR CCD CAMERA
logo
Sharp Corporation
YH-7B58 SHARP-YH-7B58 Datasheet
386Kb / 16P
   SPECIPICATION FOR COLOR CCD CAMERA
logo
Sony Corporation
CXA1592Q SONY-CXA1592Q Datasheet
580Kb / 23P
   Encoder for CCD Color Camera
logo
Sharp Corporation
YH-7C12 SHARP-YH-7C12 Datasheet
306Kb / 14P
   SPECIFICATION FOR CCD CAMERA MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com