Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1964 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1964
Description  Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964 Datasheet(HTML) 2 Page - Linear Technology

  LT1964 Datasheet HTML 1Page - Linear Technology LT1964 Datasheet HTML 2Page - Linear Technology LT1964 Datasheet HTML 3Page - Linear Technology LT1964 Datasheet HTML 4Page - Linear Technology LT1964 Datasheet HTML 5Page - Linear Technology LT1964 Datasheet HTML 6Page - Linear Technology LT1964 Datasheet HTML 7Page - Linear Technology LT1964 Datasheet HTML 8Page - Linear Technology LT1964 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3029
2
3029fa
ABSOLUTE MAXIMUM RATINGS
IN1, IN2 Pin Voltage................................................±22V
OUT1, OUT2 Pin Voltage .........................................±22V
Input-to-Output Differential Voltage ........................±22V
ADJ1, ADJ2 Pin Voltage............................................±9V
BYP1, BYP2 Pin Voltage ........................................±0.6V
SHDN1 , SHDN2 Pin Voltage..................................±22V
Output Short-Circuit Duration .......................... Indefinite
(Note 1)
16
15
14
13
12
11
10
9
17
GND
1
2
3
4
5
6
7
8
ADJ1
SHDN1
IN1
IN1
IN2
IN2
SHDN2
ADJ2
BYP1
NC
OUT1
OUT1
GND
OUT2
OUT2
BYP2
TOP VIEW
DE PACKAGE
16-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 38°C/W, θJC = 4.3°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB GND
ADJ1
SHDN1
IN1
IN1
IN2
IN2
SHDN2
ADJ2
BYP1
NC
OUT1
OUT1
GND
OUT2
OUT2
BYP2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
MSE PACKAGE
16-LEAD PLASTIC MSOP
17
GND
TJMAX = 125°C (LT3029E/LT3029I, LT3029MP), θJA = 37°C/W, θJC: 5°C/W TO 10°C/W
TJMAX = 150°C (LT3029H), θJA = 37°C/W, θJC: 5°C/W TO 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB GND
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3029EDE#PBF
LT3029EDE#TRPBF
3029
16-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3029IDE#PBF
LT3029IDE#TRPBF
3029
16-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3029EMSE#PBF
LT3029EMSE#TRPBF
3029
16-Lead Plastic MSOP
–40°C to 125°C
LT3029IMSE#PBF
LT3029IMSE#TRPBF
3029
16-Lead Plastic MSOP
–40°C to 125°C
LT3029HMSE#PBF
LT3029HMSE#TRPBF
3029
16-Lead Plastic MSOP
–40°C to 150°C
LT3029MPMSE#PBF
LT3029MPMSE#TRPBF
3029
16-Lead Plastic MSOP
–55°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3029EDE
LT3029EDE#TR
3029
16-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3029IDE
LT3029IDE#TR
3029
16-Lead (4mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3029EMSE
LT3029EMSE#TR
3029
16-Lead Plastic MSOP
–40°C to 125°C
LT3029IMSE
LT3029IMSE#TR
3029
16-Lead Plastic MSOP
–40°C to 125°C
LT3029HMSE
LT3029HMSE#TR
3029
16-Lead Plastic MSOP
–40°C to 150°C
LT3029MPMSE
LT3029MPMSE#TR
3029
16-Lead Plastic MSOP
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature (Notes 2, 12)
LT3029E............................................. –40°C to 125°C
LT3029I.............................................. –40°C to 125°C
LT3029H ............................................ –40°C to 150°C
LT3029MP.......................................... –55°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
(MSOP Only)..................................................... 300°C


Similar Part No. - LT1964

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LT1964 LINER-LT1964 Datasheet
1Mb / 28P
   45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
LT1964 LINER-LT1964 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
More results

Similar Description - LT1964

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_1 Datasheet
265Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
logo
Micrel Semiconductor
MIC5355 MICREL-MIC5355 Datasheet
708Kb / 18P
   Dual 500mA 關Cap Low Dropout, Micropower Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com