Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCMB065T-1R5MS Datasheet(PDF) 9 Page - International Rectifier

Part # PCMB065T-1R5MS
Description  4A HIGHLY INTEGRATED SUPLRBUCK
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-1R5MS Datasheet(HTML) 9 Page - International Rectifier

Back Button PCMB065T-1R5MS Datasheet HTML 5Page - International Rectifier PCMB065T-1R5MS Datasheet HTML 6Page - International Rectifier PCMB065T-1R5MS Datasheet HTML 7Page - International Rectifier PCMB065T-1R5MS Datasheet HTML 8Page - International Rectifier PCMB065T-1R5MS Datasheet HTML 9Page - International Rectifier PCMB065T-1R5MS Datasheet HTML 10Page - International Rectifier PCMB065T-1R5MS Datasheet HTML 11Page - International Rectifier PCMB065T-1R5MS Datasheet HTML 12Page - International Rectifier PCMB065T-1R5MS Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
- 9 -
AUGUST 08, 2012 |DATA SHEET |    Rev 3.3
9
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Over‐Current Protection 
Current Limit 
ILIMIT 
Tj = 25°C, Vcc = 6.4V 
5.8 
7.0 
8.2 
Hiccup Blanking Time 
Tblk_Hiccup  Note 4   
20.48  
ms 
Over‐Temperature Protection 
Thermal Shutdown Threshold 
Ttsd 
Note 4 
 
145 
  
°C 
Hysteresis 
Ttsd_hys 
Note 4   
20  
 
Note 3: Cold temperature performance is guaranteed via correlation using statistical quality control. Not tested in production. 
Note 4: Guaranteed by design but not tested in production. 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - PCMB065T-1R5MS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PCMB065T-1R5MS IRF-PCMB065T-1R5MS Datasheet
2Mb / 17P
   USER GUIDE FOR IR3897 EVALUATION BOARD
PCMB065T-1R5MS IRF-PCMB065T-1R5MS Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
PCMB065T-1R5MS IRF-PCMB065T-1R5MS Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PCMB065T-1R5MS IRF-PCMB065T-1R5MS Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
PCMB065T-1R5MS IRF-PCMB065T-1R5MS Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
More results

Similar Description - PCMB065T-1R5MS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
IR3898 IRF-IR3898 Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
IR3895 IRF-IR3895 Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842M IRF-IR3842M_15 Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3853M IRF-IR3853M_15 Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3853MPBF IRF-IR3853MPBF Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF Datasheet
739Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com