Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1121 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1121
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1121 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1121 Datasheet HTML 6Page - Linear Technology LT1121 Datasheet HTML 7Page - Linear Technology LT1121 Datasheet HTML 8Page - Linear Technology LT1121 Datasheet HTML 9Page - Linear Technology LT1121 Datasheet HTML 10Page - Linear Technology LT1121 Datasheet HTML 11Page - Linear Technology LT1121 Datasheet HTML 12Page - Linear Technology LT1121 Datasheet HTML 13Page - Linear Technology LT1121 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3013
10
3013fe
TYPICAL PERFORMANCE CHARACTERISTICS
TIME (μs)
0
–0.05
0.05
400
3013 G24
100
–0.10
–0.15
0
0.10
0.15
200
300
0
100
200
300
500
VIN = 6V
VOUT = 5V
CIN = 3.3μF CERAMIC
COUT = 3.3μF CERAMIC
ΔILOAD = 100mA TO 200mA
FREQUENCY (Hz)
0.1
1
10
1k
10k
100k
0.01
100
10
COUT = 3.3μF
ILOAD = 250mA
TEMPERATURE (°C)
–4
–2
3013 G21
–12
–16
–18
–20
0
–8
–6
–10
–14
–50
0
50
75
–25
25
100
150
125
ΔIL = 1mA TO 250mA
Load Regulation
Output Noise Spectral Density
10Hz to 100kHz Output Noise
Transient Response
VOUT
100μV/DIV
COUT = 10μF
IL = 250mA
VOUT = 1.24V
1ms/DIV
3013 G23


Similar Part No. - LT1121

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
160Kb / 16P
   400mV Dropout Voltage
LT1121 LINER-LT1121 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Linear Dimensions Semic...
LT1121 LINEAR_DIMENSIONS-LT1121 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
More results

Similar Description - LT1121

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_15 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013 Datasheet
228Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B Datasheet
224Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3012 LINER-LT3012 Datasheet
181Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B Datasheet
214Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B_15 Datasheet
220Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012 LINER-LT3012_15 Datasheet
188Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3013MPFE LINER-LT3013MPFE Datasheet
212Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com