Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3894MTR1PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR3894MTR1PBF
Description  12A HIGHLY INTERGRATED SUPLRBUCK
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3894MTR1PBF Datasheet(HTML) 4 Page - International Rectifier

  IR3894MTR1PBF Datasheet HTML 1Page - International Rectifier IR3894MTR1PBF Datasheet HTML 2Page - International Rectifier IR3894MTR1PBF Datasheet HTML 3Page - International Rectifier IR3894MTR1PBF Datasheet HTML 4Page - International Rectifier IR3894MTR1PBF Datasheet HTML 5Page - International Rectifier IR3894MTR1PBF Datasheet HTML 6Page - International Rectifier IR3894MTR1PBF Datasheet HTML 7Page - International Rectifier IR3894MTR1PBF Datasheet HTML 8Page - International Rectifier IR3894MTR1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
- 4 -`
AUGUST 08, 2012 | DATA SHEET |    Rev 3.1
4
IR3894 
12A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97745
PIN DESCRIPTIONS 
PIN #
PIN NAME
PIN DESCRIPTION
Fb 
Inverting input to the error amplifier. This pin is connected directly to the output 
of the regulator via resistor divider to set the output voltage and provide 
feedback to the error amplifier. 
Vref 
Internal reference voltage , it can be used for margining operation also. In 
normal and sequencing mode operation, Vref is left floating. A 1nF ceramic 
capacitor is recommended between this pin and Gnd.  In tracking mode 
operation, Vref should be tied to Gnd.  
Comp 
Output of error amplifier. An external resistor and capacitor network is typically 
connected from this pin to Fb to provide loop compensation. 
Gnd 
Signal ground for internal reference and control circuitry. 
Rt/Sync 
Multi‐function pin to set switching frequency. Use an external resistor from this 
pin to Gnd to set the free‐running switching frequency. An external clock signal 
to connect to this pin through a diode, the device’s switching frequency is 
synchronized with the external clock. 
S_Ctrl 
Soft start/stop control. A high logic input enables the device to go into the 
internal soft start; a low logic input enables the output soft discharged. Pull this 
pin to Vcc if this function is not used. 
PGood 
Power Good status pin. Output is open drain. Connect a pull up resistor  from 
this pin to the voltage lower than or equal to the Vcc. 
Vsns 
Sense pin for over‐voltage protection and PGood. It is optional to tie this pin to 
Fb pin directly instead of using a resistor divider from Vout. 
Vin 
Input voltage for Internal LDO. A 1.0µF capacitor should be connected between 
this pin and PGnd. If external supply is connected to Vcc/LDO_out pin, this pin 
should be shorted to Vcc/LDO_Out pin. 
10 
Vcc/LDO_Out 
Input Bias Voltage, output of internal LDO. Place a minimum 2.2µF cap from this 
pin to PGnd. 
11 
PGnd 
Power Ground. This pin serves as a separated ground for the MOSFET drivers 
and should be connected to the system’s power ground plane. 
12 
SW 
Switch node. This pin is connected to the output inductor. 
13 
PVin 
Input voltage for power stage. 
14 
Boot 
Supply voltage for high side driver, a 100nF capacitor should be connected 
between this pin and SW pin. 
15 
Enable 
Enable pin to turn on and off the device, if this pin is connected to PVin pin 
through a resistor divider, input voltage UVLO can be implemented. 
16 
Vp 
Input to error amplifier for tracking purposes. In the normal operation, it is left 
floating and no external capacitor is required. In the sequencing or the tracking 
mode operation, an external signal can be applied as the reference. 
17 
Gnd 
Signal ground for internal reference and control circuitry. 
  
 


Similar Part No. - IR3894MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3894MTR1PBF IRF-IR3894MTR1PBF Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
More results

Similar Description - IR3894MTR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3895 IRF-IR3895 Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
IR3898 IRF-IR3898 Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
logo
List of Unclassifed Man...
HMS30C7202N ETC1-HMS30C7202N Datasheet
2Mb / 179P
   Highly-intergrated MPU
logo
International Rectifier
IR3476 IRF-IR3476_13 Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3840WMPBF IRF-IR3840WMPBF_12 Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840M IRF-IR3840M_15 Datasheet
924Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com