Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8130IAZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL8130IAZ
Description  Advanced Single Universal Pulse-Width Modulation (PWM) Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8130IAZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL8130IAZ Datasheet HTML 7Page - Intersil Corporation ISL8130IAZ Datasheet HTML 8Page - Intersil Corporation ISL8130IAZ Datasheet HTML 9Page - Intersil Corporation ISL8130IAZ Datasheet HTML 10Page - Intersil Corporation ISL8130IAZ Datasheet HTML 11Page - Intersil Corporation ISL8130IAZ Datasheet HTML 12Page - Intersil Corporation ISL8130IAZ Datasheet HTML 13Page - Intersil Corporation ISL8130IAZ Datasheet HTML 14Page - Intersil Corporation ISL8130IAZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ISL8130
11
FN7954.3
October 5, 2012
FIGURE 9. VREF vs TEMPERATURE
FIGURE 10. FSW vs TEMPERATURE
FIGURE 11. IOCSET vs TEMPERATURE
FIGURE 12. SOFT-START CURRENT, ISS vs TEMPERATURE
FIGURE 13. VFB vs VREFIN
FIGURE 14. CDEL CURRENT FOR PGOOD, ICDEL vs TEMPERATURE
Typical Performance Curves
Oscilloscope plots are taken using the ISL8130EVAL1Z Evaluation Board for buck converter or
ISL8130EVAL2Z for boost converter, VIN = 12V, VOUT = 5V for buck converter or VOUT = 32V for boost converter unless otherwise noted. (Continued)
-40
-15
10
35
60
85
0.590
0.595
0.600
0.605
0.610
TEMPERATURE (°C)
270
280
290
300
310
320
-40
-15
10
35
60
85
TEMPERATURE (°C)
0.85
0.95
1.05
1.15
-40
-15
10
35
60
85
TEMPERATURE (°C)
8
9
10
11
12
-40
-15
10
35
60
85
TEMPERATURE (°C)
VREFIN (V)
0.50
0.65
0.80
0.95
1.10
1.25
0.50
0.65
0.80
0.95
1.10
1.25
1.8
1.9
2.0
2.1
2.2
-40
-15
10
35
60
85
TEMPERATURE (°C)


Similar Part No. - ISL8130IAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8130IAZ RENESAS-ISL8130IAZ Datasheet
1Mb / 23P
   Advanced Single Universal Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL8130IAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8130 RENESAS-ISL8130 Datasheet
1Mb / 23P
   Advanced Single Universal Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6420B INTERSIL-ISL6420B Datasheet
536Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6420 RENESAS-ISL6420 Datasheet
1,008Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6420A INTERSIL-ISL6420A Datasheet
605Kb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6420A RENESAS-ISL6420A Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6420 INTERSIL-ISL6420 Datasheet
525Kb / 19P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6420B RENESAS-ISL6420B Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6431 INTERSIL-ISL6431 Datasheet
187Kb / 10P
   Advanced Pulse-Width Modulation (PWM) Controller for Home Gateways
ISL6431A INTERSIL-ISL6431A Datasheet
215Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
logo
Renesas Technology Corp
ISL6431 RENESAS-ISL6431 Datasheet
613Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com