Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31AP4990D Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS31AP4990D
Description  1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP4990D Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS31AP4990D Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31AP4990D Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP4990D Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP4990D Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP4990D Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP4990D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP4990D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP4990D Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31AP4990D Datasheet HTML 10Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IS31AP4990D
Integrated Silicon Solution, Inc. – www.issi.com
7
Rev.A, 11/22/2011
APPLICATION INFORMATION
BTL CONFIGURATION PRINCIPLE
The IS31AP4990D is a monolithic power amplifier with
a BTL output type. BTL (bridge tied load) means that
each end of the load is connected to two single-ended
output amplifiers. Thus, we have:
Single-ended output 1 = VOUT+ = VOUT (V)
Single ended output 2 = VOUT- = -VOUT (V)
and VOUT+ - VOUT- = 2VOUT (V)
The output power is:
L
OUT
OUT
R
V
P
RMS
2
)
2
(
For the same power supply voltage, the output power
in BTL configuration is four times higher than the
output power in single ended configuration.
GAIN IN A TYPICAL APPLICATION SCHEMATIC
The typical application schematic is shown in Figure 1
on page 1.
In the flat region (no CIN effect), the output voltage of
the first stage is (in Volts):
IN
F
IN
OUT
R
R
V
V
)
(
For the second stage: VOUT+ = -VOUT- (V)
The differential output voltage is (in Volts):
IN
F
IN
OUT
OUT
R
R
V
V
V
2
The differential gain, Gv, in shourt, is given by:
IN
F
IN
IN
OUT
OUT
v
R
R
V
V
V
V
G
2
VOUT+ is in phase with VIN and VOUT- is phased 180°
with VIN. This means that the positive terminal of the
loudspeaker should be connected to VOUT+ and the
negative to VOUT-.
LOW AND HIGH FREQUENCY RESPONSE
In the low frequency region, CIN starts to have an effect.
CIN forms with RIN a high-pass filter with a -3dB cut-off
frequency. FCL is in Hz.
IN
IN
CL
C
R
F
2
1
In the high frequency region, you can limit the
bandwidth by adding a capacitor (CF) in parallel with RF.
It forms a low-pass filter with a -3dB cut-off frequency.
FCH is in Hz.
F
F
CH
C
R
F
2
1
DECOUPLING OF THE CIRCUIT
Two capacitors are needed to correctly bypass the
IS31AP4990D: a power supply bypass capacitor CS
and a bias voltage bypass capacitor CBYPASS.
CS has particular influence on the THD+N in the high
frequency region (above 7kHz) and an indirect
influence on power supply disturbances. With a value
for CS of 1μF, you can expect THD+N levels similar to
those shown in the datasheet.
In the high frequency region, if CS is lower than 1μF, it
increases THD+N and disturbances on the power
supply rail are less filtered.
On the other hand, if CS is higher than 1μF, those
disturbances on the power supply rail are more filtered.
CBYPASS has an influence on THD+N at lower
frequencies, but its function is critical to the final result
of PSRR (with input grounded and in the lower
frequency region).
If CBYPASS is lower than 1μF, THD+N increases at lower
frequencies and PSRR worsens.
If CBYPASS is higher than 1μF, the benefit on THD+N at
lower frequencies is small, but the benefit to PSRR is
substantial.
Note that CIN has a non-negligible effect on PSRR at
lower frequencies. The lower the value of CIN, the
higher the PSRR is.
WAKE-UP TIME (tWU)
When the SDB pin is released to put the device ON,
the bypass capacitor CBYPASS will not be charged
immediately. As CBYPASS is directly linked to the bias of
the amplifier, the bias will not work properly until the
CBYPASS voltage is correct. The time to reach this
voltage is called wake-up time or tWU and specified in
the electrical characteristics table with CBYPASS = 1μF.
POP PERFORMANCE
Pop performance is intimately linked with the size of
the input capacitor CIN and the bias voltage bypass
capacitor CBYPASS.
The size of CIN is dependent on the lower cut-off
frequency and PSRR values requested. The size of
CBYPASS is dependent on THD+N and PSRR values
requested at lower frequencies.
Moreover, CBYPASS determines the speed with which
the amplifier turns ON.


Similar Part No. - IS31AP4990D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4990D-UTLS2-TR ISSI-IS31AP4990D-UTLS2-TR Datasheet
293Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results

Similar Description - IS31AP4990D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TBA820M UTC-TBA820M_15 Datasheet
178Kb / 6P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4990D-UTLS2-TR ISSI-IS31AP4990D-UTLS2-TR Datasheet
293Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
PA4990 UTC-PA4990 Datasheet
259Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PA4990 UTC-PA4990_15 Datasheet
289Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PA4990 UTC-PA4990_18 Datasheet
221Kb / 9P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com