Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2453Q Datasheet(PDF) 11 Page - Sony Corporation

Part # CXD2453Q
Description  Timing Generator for LCD Panels
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2453Q Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXD2453Q Datasheet HTML 7Page - Sony Corporation CXD2453Q Datasheet HTML 8Page - Sony Corporation CXD2453Q Datasheet HTML 9Page - Sony Corporation CXD2453Q Datasheet HTML 10Page - Sony Corporation CXD2453Q Datasheet HTML 11Page - Sony Corporation CXD2453Q Datasheet HTML 12Page - Sony Corporation CXD2453Q Datasheet HTML 13Page - Sony Corporation CXD2453Q Datasheet HTML 14Page - Sony Corporation CXD2453Q Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
– 11 –
CXD2453Q
The following provides a detailed description of each setting.
(a) Setting of PLL counter frequency division ratio
This is used to set the frequency division ratio of the 1/N frequency divider (PLL counter) for phase
comparison. The value of (total number of dots of 1 horizontal period N) – 1 is set with PLP10 (MSB) through
PLP0 (LSB). The frequency division ratio can be set up to 2048. Only even numbers can be set for the value of
N. When it is necessary to set an odd number, use an external frequency divider. In this case, set the value of
the frequency division ratio of the PLL counter to N-2.
The default value is 10100111111 (N = 1344).
(b) Setting of screen horizontal position
The horizontal display start position is set with HP7 (MSB) through HP0 (LSB). This setting enables the phase
relationships of pulses HST, HCK1/2, ENB, PCG, PRG and CLP1/2 as well as the changing positions of
VCK/FRP relative to HSYNC to change in an interlocked manner. Settings can be made in 1 dot units. Refer to
the Timing Chart for the relationship between the set value and each pulse position.
The default value is 01000100.
(c) Setting of screen vertical position
The vertical display start position is set with VP7 (MSB) through VP0 (LSB). This setting enables the phase
relationships of signals VST, VCK and FRP to change relative to VSYNC in an interlocked manner. Settings
can be made in 1 line units. Refer to the Timing Chart for the relationship between the set value and each
signal.
The default value is 00100011. 00000000 and 11111111 are not used.
(d) S/H control of CXA2112R
This is used to set the sample-and-hold position for the CXA2112R (sample-and-hold driver). INV setting data
is output directly from the INV (Pin 60). Setting data of SHP3 (MSB) through SHP0 (LSB) is reflected as shown
below in the SHPA through SHPD (Pins 56 to 59). Refer to the specifications of the CXA2112R for details.
Setting data
Output
Output
SHP3 to SHP0
Setting data
SHP3 to SHP0
SHPA
SHPB
SHPC
SHPD
SHPA
SHPB
SHPC
SHPD
0000
0001
0010
0011
0100
0101
0110
0111
L
H
Z
Z
L
H
Z
Z
L
H
L
H
L
H
L
H
L
L
L
L
H
H
H
H
L
L
L
L
H
H
H
H
L
H
Z
Z
L
H
Z
Z
L
H
L
H
L
H
L
H
Z
Z
Z
Z
Z
Z
Z
Z
L
L
L
L
H
H
H
H
1000
1001
1010
1011
1100
1101
1110
1111
Note) Z: High impedance state


Similar Part No. - CXD2453Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2450R SONY-CXD2450R Datasheet
374Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2452R SONY-CXD2452R Datasheet
356Kb / 28P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2457R SONY-CXD2457R Datasheet
380Kb / 37P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2458 SONY-CXD2458 Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
More results

Similar Description - CXD2453Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
CXD2442Q SONY-CXD2442Q Datasheet
9Mb / 70P
   Timing Generator for LCD Panels
CXD3500R SONY-CXD3500R Datasheet
792Kb / 73P
   Timing Generator for LCD Panels
CXD2436Q SONY-CXD2436Q Datasheet
2Mb / 34P
   Timing Generator for LCD Panels
CXD2443Q SONY-CXD2443Q Datasheet
8Mb / 57P
   Timing Generator for LCD Panels
CXD2464R SONY-CXD2464R Datasheet
4Mb / 97P
   Timing Generator for LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com