Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31AP2145B Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS31AP2145B
Description  2.7W@5.0V MONO CLIP-LESS & FILTER-LESS CLASS-D
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP2145B Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS31AP2145B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31AP2145B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31AP2145B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP2145B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP2145B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP2145B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP2145B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP2145B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP2145B Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IS31AP2145B
Integrated Silicon Solution, Inc. – www.issi.com
2
Rev.0A, 05/14/2012
OUT+
GND
IS31AP2145B
A2
A1
C3
A3
B2
VCC
OUT-
1 F
IN+
IN-
VREF
CIN
33nF
CIN
33nF
CTRL
C1
C2
Single-ended In
VBattery
0.1 F
1 F
B1,B3
0.1 F
CTRL1
CTRL2
R1
R2
R3
Figure 2
Typical Application Circuit (Single-Ended Input)


Similar Part No. - IS31AP2145B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2145A ISSI-IS31AP2145A Datasheet
501Kb / 14P
   2.9W@5.0V MONO CLIP-LESS & FILTER-LESS CLASS-D
IS31AP2145A-UTLS2-TR ISSI-IS31AP2145A-UTLS2-TR Datasheet
501Kb / 14P
   2.9W@5.0V MONO CLIP-LESS & FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2145E ISSI-IS31AP2145E Datasheet
463Kb / 13P
   2.7W@5.0V MONO CLIP-LESS & FILTER-LESS
More results

Similar Description - IS31AP2145B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2145E ISSI-IS31AP2145E Datasheet
463Kb / 13P
   2.7W@5.0V MONO CLIP-LESS & FILTER-LESS
IS31AP2145A ISSI-IS31AP2145A Datasheet
501Kb / 14P
   2.9W@5.0V MONO CLIP-LESS & FILTER-LESS CLASS-D
IS31AP2145A-UTLS2-TR ISSI-IS31AP2145A-UTLS2-TR Datasheet
501Kb / 14P
   2.9W@5.0V MONO CLIP-LESS & FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010B-UTLS2-TR ISSI-IS31AP2010B-UTLS2-TR Datasheet
366Kb / 13P
   3W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010B ISSI-IS31AP2010B Datasheet
390Kb / 12P
   3W@5.0V MONO FILTER-LESS, CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010F ISSI-IS31AP2010F Datasheet
324Kb / 13P
   2.8W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010E ISSI-IS31AP2010E Datasheet
198Kb / 7P
   MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2005 ISSI-IS31AP2005 Datasheet
544Kb / 16P
   2.95W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com