Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK212BJ226MG-T Datasheet(PDF) 3 Page - Enpirion, Inc.

Part # LMK212BJ226MG-T
Description  9A Voltage Mode Synchronous Buck PWM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

LMK212BJ226MG-T Datasheet(HTML) 3 Page - Enpirion, Inc.

  LMK212BJ226MG-T Datasheet HTML 1Page - Enpirion, Inc. LMK212BJ226MG-T Datasheet HTML 2Page - Enpirion, Inc. LMK212BJ226MG-T Datasheet HTML 3Page - Enpirion, Inc. LMK212BJ226MG-T Datasheet HTML 4Page - Enpirion, Inc. LMK212BJ226MG-T Datasheet HTML 5Page - Enpirion, Inc. LMK212BJ226MG-T Datasheet HTML 6Page - Enpirion, Inc. LMK212BJ226MG-T Datasheet HTML 7Page - Enpirion, Inc. LMK212BJ226MG-T Datasheet HTML 8Page - Enpirion, Inc. LMK212BJ226MG-T Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
EN2390QI
©
Enpirion 2012 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 3
Pin Description
I/O Legend:
P=Power
G=Ground
NC=No Connect
I=Input O=Output
I/O=Input/Output
PIN
NAME
I/O
FUNCTION
1-19,
29, 30,
61, 67,
72-76
NC
NC
NO CONNECT – These pins may be internally connected. Do not connect them
to each other or to any other electrical signal. Failure to follow this guideline
may result in device damage.
20-28
VOUT
O
Regulated converter output. Connect these pins to the load and place output
capacitor between these pins and PGND pins 33-38.
31, 32,
69-71
NC(SW)
NC
NO CONNECT – These pins are internally connected to the common switching
node of the internal MOSFETs. They are not to be electrically connected to any
external signal, ground, or voltage. Failure to follow this guideline may result in
damage to the device.
33-38
PGND
G
Input/Output power ground. Connect these pins to the ground electrode of the
input and output filter capacitors. See VOUT and PVIN pin descriptions for more
details.
39-49
PVIN
P
Input power supply. Connect to input power supply. Decouple with input
capacitor to PGND pins 33-38.
50
AVINO
O
Internal 3.3V linear regulator output. Connect this pin to AVIN (Pin 59) for
applications where operation from a single input voltage (PVIN) is required. If
AVINO is being used, place a 1uF, X5R, capacitor between AVINO and AGND
as close as possible to AVINO.
51
PG
I/O
Place a 0.1uF, X5R, capacitor between this pin and BTMP.
52
BTMP
I/O
See pin 51 description.
53
VDDB
O
Internal regulated voltage used for the internal control circuitry. Place a 1uF,
X5R, capacitor between this pin and BGND.
54
BGND
G
See pin 53 description.
55
S_IN
I
Digital Input. This pin accepts either an input clock to phase lock the internal
switching frequency or a S_OUT signal from another EN2390QI. Leave this pin
floating if not used.
56
S_OUT
O
Digital Output. PWM signal is output on this pin. Leave this pin floating if not
used.
57
POK
O
Power OK is an open drain transistor (pulled up to AVIN or similar voltage) used
for power system state indication. POK is logic high when VOUT is within -10%
to +20% of VOUT nominal.
58
ENABLE
I
Input Enable. Applying a logic high to this pin enables the output and initiates a
soft-start. Applying a logic Low disables the output.
59
AVIN
P
3.3V Input power supply for the controller. Place a 0.1uF, X5R, capacitor
between AVIN and AGND
60
AGND
G
Analog Ground. This is the Ground return for the controller. Needs to be
connected to a quiet ground.
61
NC
Test pin. For Enpirion Internal Use Only. Connect to GND plane at all times.
62
VFB
I/O
External Feedback Input. The feedback loop is closed through this pin. A
voltage divider at VOUT is used to set the output voltage. The mid-point of the
divider is connected to VFB. A phase lead capacitor from this pin to VOUT is
also required to stabilize the loop.
63
EAIN
O
Optional Error Amplifier Input. Allows for customization of the control loop if
necessary.
64
SS
I/O
Soft-Start node. The soft-start capacitor is connected between this pin and
AGND. The value of this capacitor determines the startup time.
65
RCLX
I/O
Programmable over-current protection. Placement of a resistor on this pin will
adjust the over-current protection threshold. See Table 2 for the recommended
RCLX Value to set OCP at the nominal value specified in the Electrical
Characteristics table.
66
FADJ
I/O
Adding a resistor (RFADJ) to this pin will adjust the switching frequency of the
EN2390QI. See Table 1 for suggested resistor values on RFADJ for various
PVIN/VOUT combinations to maximize efficiency.


Similar Part No. - LMK212BJ226MG-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK212BJ226MG-T TI1-LMK212BJ226MG-T Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
logo
Enpirion, Inc.
LMK212BJ226MG-T ENPIRION-LMK212BJ226MG-T Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
LMK212BJ226MG-T ENPIRION-LMK212BJ226MG-T Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
LMK212BJ226MG-T ENPIRION-LMK212BJ226MG-T Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Advanced Monolithic Sys...
LMK212BJ226MG-T AMS-LMK212BJ226MG-T Datasheet
590Kb / 18P
   3A 20V Step-Down Converter plus 1A LDO
More results

Similar Description - LMK212BJ226MG-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN23F0QI ENPIRION-EN23F0QI Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
logo
ON Semiconductor
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN2340QI ENPIRION-EN2340QI Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
logo
Altera Corporation
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EN5394QI ENPIRION-EN5394QI Datasheet
430Kb / 19P
   Feature Rich 9A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE758P ACE-ACE758P Datasheet
116Kb / 3P
   1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com