Electronic Components Datasheet Search |
|
CXD2452R Datasheet(PDF) 8 Page - Sony Corporation |
|
CXD2452R Datasheet(HTML) 8 Page - Sony Corporation |
8 / 28 page – 8 – CXD2452R (Within the recommended operating conditions) Symbol tpdPULSE Output signal delay, activated by the rising edge of SEN 5 100 ns Definition Min. Typ. Max. Unit 5) Phase identification characteristics using FRI and HRI input 0.2VDDd FRI HRI tpd1 The field is identified as an ODD field . 0.2VDDd FRI HRI tpd1 The field is identified as an EVEN field . When the HRI logic level is low tpd1 after the falling edge of FRI When the HRI logic level is high tpd1 after the falling edge of FRI (Within the recommended operating conditions) Symbol tpd1 Field identification clock phase, activated by the falling edge of FRI 1100 1300 ns Definition Min. Typ. Max. Unit 4) RST loading characteristics 0.8VDDd tw1 0.2VDDd RST (Within the recommended operating conditions) Symbol tw1 RST pulse width 35 ns Definition Min. Typ. Max. Unit 3) Serial interface clock output variation characteristics Normally, the serial interface data is loaded to the CXD2452R at the timing shown in 2) above. However, one exception to this is when the data such as SSGSEL and STB is loaded to the CXD2452R and controlled at the rising edge of SEN. For STB, see control data D62 to D63 STB in “Description of Operation”. 0.8VDDd tpdPULSE SEN Output signal |
Similar Part No. - CXD2452R |
|
Similar Description - CXD2452R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |