Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK212BJ226MG-T Datasheet(PDF) 5 Page - Enpirion, Inc.

Part # LMK212BJ226MG-T
Description  15A Voltage Mode Synchronous Buck PWM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

LMK212BJ226MG-T Datasheet(HTML) 5 Page - Enpirion, Inc.

  LMK212BJ226MG-T Datasheet HTML 1Page - Enpirion, Inc. LMK212BJ226MG-T Datasheet HTML 2Page - Enpirion, Inc. LMK212BJ226MG-T Datasheet HTML 3Page - Enpirion, Inc. LMK212BJ226MG-T Datasheet HTML 4Page - Enpirion, Inc. LMK212BJ226MG-T Datasheet HTML 5Page - Enpirion, Inc. LMK212BJ226MG-T Datasheet HTML 6Page - Enpirion, Inc. LMK212BJ226MG-T Datasheet HTML 7Page - Enpirion, Inc. LMK212BJ226MG-T Datasheet HTML 8Page - Enpirion, Inc. LMK212BJ226MG-T Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
EN23F0QI
©Enpirion 2012 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 5
Electrical Characteristics
NOTE: VIN=12V, Minimum and Maximum values are over operating ambient temperature range unless otherwise noted.
Typical values are at TA = 25°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Input Voltage
PVIN
4.5
14.0
V
Controller Input Voltage
AVIN
2.5
5.5
V
PVIN Under Voltage
Lock-out
UVLOPVIN
Voltage above which UVLO is not
asserted
2
V
AVIN Under Voltage
Lock-out rising
AVINUVLOR
Voltage above which UVLO is not
asserted
2.3
V
AVIN Under Voltage
Lock-out falling
AVINOVLOF
Voltage below which UVLO is
asserted
2.1
V
AVIN Pin Input Current
IAVIN
14
mA
Internal Linear Regulator
Output Voltage
AVINO
3.3
V
Shut-Down Supply
Current
IPVINS
PVIN=12V, AVIN=3.3, ENABLE=0V
300
μA
IAVINS
PVIN=12V, AVIN=3.3, ENABLE=0V
50
μA
Feedback Pin Voltage
VFB
Feedback Node Voltage at:
VIN = 12V, ILOAD = 0, TA = 25°C
0.594
0.60
0.606
V
Feedback Pin Voltage
VFB
Feedback Node Voltage at:
4.5V ≤ VIN ≤ 14V
0A ≤ ILOAD ≤ 15A, TA = -40 to 85°C
0.588
0.60
0.612
V
Feedback pin Input
Leakage Current
IFB
VFB pin input leakage current
(Note 3)
-5
5
nA
VOUT Rise Time
tRISE
CSS = 47nF
(Note 3, Note 4 and Note 5)
1.96
2.8
3.64
ms
Soft Start Capacitor
Range
CSS_RANGE
47
nF
Continuous Output
Current
IOUT_CONT
0
15
A
Over Current Trip Level
IOCP
Reference Table 3
22.5
A
ENABLE Logic High
VENABLE_HIGH 4.5V ≤ VIN ≤ 14V;
1.8
AVIN
V
ENABLE Logic Low
VENABLE_LOW 4.5V ≤ VIN ≤ 14V;
0
0.6
V
ENABLE Lockout Time
TENLOCKOUT
8
ms
ENABLE pin Input
Current
IENABLE
180k
Ω Pull Down (Note 3)
4
μA
Switching Frequency
FSW
RFADJ =3kΩ
1.0
MHz
External SYNC Clock
Frequency Lock Range
FPLL_LOCK
Range of SYNC clock frequency
0.8
1.6
MHz
S_IN Threshold – Low
VS_IN_LO
S_IN Clock Logic Low Level
0.8
V
S_IN Threshold – High
VS_IN_HI
S_IN Clock Logic High Level
1.8
2.5
V
S_OUT Threshold – Low
VS_OUT_LO
S_OUT Clock Logic Low Level
0.8
V
S_OUT Threshold –
High
VS_OUT_HI
S_OUT Clock Logic High Level
1.8
2.5
V
POK Lower Threshold
POKLT
Percentage of Nominal Output
Voltage for POK to be Low
90
%


Similar Part No. - LMK212BJ226MG-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK212BJ226MG-T TI1-LMK212BJ226MG-T Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
logo
Enpirion, Inc.
LMK212BJ226MG-T ENPIRION-LMK212BJ226MG-T Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
LMK212BJ226MG-T ENPIRION-LMK212BJ226MG-T Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
LMK212BJ226MG-T ENPIRION-LMK212BJ226MG-T Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
logo
Advanced Monolithic Sys...
LMK212BJ226MG-T AMS-LMK212BJ226MG-T Datasheet
590Kb / 18P
   3A 20V Step-Down Converter plus 1A LDO
More results

Similar Description - LMK212BJ226MG-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN2390QI ENPIRION-EN2390QI Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
logo
ON Semiconductor
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN2340QI ENPIRION-EN2340QI Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE758P ACE-ACE758P Datasheet
116Kb / 3P
   1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com