Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ-2FB1A226M Datasheet(PDF) 7 Page - Enpirion, Inc.

Part # ECJ-2FB1A226M
Description  204A Voltage Mode Synchronous Buck PWM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

ECJ-2FB1A226M Datasheet(HTML) 7 Page - Enpirion, Inc.

Back Button ECJ-2FB1A226M Datasheet HTML 3Page - Enpirion, Inc. ECJ-2FB1A226M Datasheet HTML 4Page - Enpirion, Inc. ECJ-2FB1A226M Datasheet HTML 5Page - Enpirion, Inc. ECJ-2FB1A226M Datasheet HTML 6Page - Enpirion, Inc. ECJ-2FB1A226M Datasheet HTML 7Page - Enpirion, Inc. ECJ-2FB1A226M Datasheet HTML 8Page - Enpirion, Inc. ECJ-2FB1A226M Datasheet HTML 9Page - Enpirion, Inc. ECJ-2FB1A226M Datasheet HTML 10Page - Enpirion, Inc. ECJ-2FB1A226M Datasheet HTML 11Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
06878
April 16, 2012
Rev: B
EN2340QI
©Enpirion 2012 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 7
Typical Performance Curves (Continued)
0.990
0.995
1.000
1.005
1.010
1.015
1.020
2468
10
12
14
16
INPUT VOLTAGE (V)
Output Voltage vs. Input Voltage
Load = 0A
Load = 1A
Load = 2A
Load = 3A
Load = 4A
CONDITIONS
VOUT_NOM = 1.0V
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
2468
10
12
14
16
INPUT VOLTAGE (V)
Output Voltage vs. Input Voltage
Load = 0A
Load = 1A
Load = 2A
Load = 3A
Load = 4A
CONDITIONS
VOUT_NOM = 3.3V
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
1.204
-40
-15
10
35
60
85
AMBIENT TEMPERATURE ( C)
Output Voltage vs. Temperature
LOAD = 0A
LOAD = 1A
LOAD = 2A
LOAD = 3A
LOAD = 4A
CONDITIONS
VIN = 8V
VOUT_NOM = 1.2V
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
1.204
-40
-15
10
35
60
85
AMBIENT TEMPERATURE ( C)
Output Voltage vs. Temperature
LOAD = 0A
LOAD = 1A
LOAD = 2A
LOAD = 3A
LOAD = 4A
CONDITIONS
VIN = 10V
VOUT_NOM = 1.2V
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
1.204
-40
-15
10
35
60
85
AMBIENT TEMPERATURE ( C)
Output Voltage vs. Temperature
LOAD = 0A
LOAD = 1A
LOAD = 2A
LOAD = 3A
LOAD = 4A
CONDITIONS
VIN = 12V
VOUT_NOM = 1.2V
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
1.204
-40
-15
10
35
60
85
AMBIENT TEMPERATURE ( C)
Output Voltage vs. Temperature
LOAD = 0A
LOAD = 1A
LOAD = 2A
LOAD = 3A
LOAD = 4A
CONDITIONS
VIN = 14V
VOUT_NOM = 1.2V


Similar Part No. - ECJ-2FB1A226M

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
ECJ-2FB1A226M ENPIRION-ECJ-2FB1A226M Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
ECJ-2FB1A226M ENPIRION-ECJ-2FB1A226M Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
ECJ-2FB1A226M ENPIRION-ECJ-2FB1A226M Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
More results

Similar Description - ECJ-2FB1A226M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN23F0QI ENPIRION-EN23F0QI Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
EN2390QI ENPIRION-EN2390QI Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
logo
ON Semiconductor
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE758P ACE-ACE758P Datasheet
116Kb / 3P
   1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com