Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN23F0QI-E Datasheet(PDF) 9 Page - Enpirion, Inc.

Part # EN23F0QI-E
Description  15A Voltage Mode Synchronous Buck PWM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN23F0QI-E Datasheet(HTML) 9 Page - Enpirion, Inc.

Back Button EN23F0QI-E Datasheet HTML 5Page - Enpirion, Inc. EN23F0QI-E Datasheet HTML 6Page - Enpirion, Inc. EN23F0QI-E Datasheet HTML 7Page - Enpirion, Inc. EN23F0QI-E Datasheet HTML 8Page - Enpirion, Inc. EN23F0QI-E Datasheet HTML 9Page - Enpirion, Inc. EN23F0QI-E Datasheet HTML 10Page - Enpirion, Inc. EN23F0QI-E Datasheet HTML 11Page - Enpirion, Inc. EN23F0QI-E Datasheet HTML 12Page - Enpirion, Inc. EN23F0QI-E Datasheet HTML 13Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
EN23F0QI
©Enpirion 2012 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 9
Typical Performance Curves
2.495
2.496
2.497
2.498
2.499
2.500
2.501
2.502
2.503
2.504
2.505
012 345 678 9 10 11 12 13 14 15
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VIN = 8V
VIN = 10V
VIN = 12V
CONDITIONS
VOUT_NOM = 2.5V
Note: Air flow or heat sink may be required for
higher currents. See derating curves.
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
1.204
-40
-15
10
35
60
85
AMBIENT TEMPERATURE ( C)
Output Voltage vs. Temperature
LOAD = 0A
LOAD = 4A
LOAD = 8A
LOAD = 12A
CONDITIONS
VIN = 8V
VOUT_NOM = 1.2V
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
1.204
-40
-15
10
35
60
85
AMBIENT TEMPERATURE ( C)
Output Voltage vs. Temperature
LOAD = 0A
LOAD = 4A
LOAD = 8A
LOAD = 12A
CONDITIONS
VIN = 10V
VOUT_NOM = 1.2V
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
1.204
-40
-15
10
35
60
85
AMBIENT TEMPERATURE ( C)
Output Voltage vs. Temperature
LOAD = 0A
LOAD = 4A
LOAD = 8A
LOAD = 12A
CONDITIONS
VIN = 12V
VOUT_NOM = 1.2V
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
1.204
-40
-15
10
35
60
85
AMBIENT TEMPERATURE ( C)
Output Voltage vs. Temperature
LOAD = 0A
LOAD = 4A
LOAD = 8A
LOAD = 12A
CONDITIONS
VIN = 14V
VOUT_NOM = 1.2V
0
2.5
5
7.5
10
12.5
15
17.5
20
0
5
10
15
20
25
30
TOTAL OUTPUT CURRENT (A)
Parallel Current Share Breakdown
MASTER
SLAVE
IDEAL
CONDITIONS
EN23F0QI
VIN = 12V
VOUT = 1.2V


Similar Part No. - EN23F0QI-E

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN2340QI ENPIRION-EN2340QI Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
logo
Altera Corporation
EN2340QI ALTERA-EN2340QI Datasheet
1Mb / 23P
   Integrated Inductor
logo
Enpirion, Inc.
EN2340QI-E ENPIRION-EN2340QI-E Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
logo
Altera Corporation
EN2342QI ALTERA-EN2342QI Datasheet
3Mb / 23P
   4A PowerSoC Voltage Mode Synchronous PWM Buck with Integrated Inductor
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results

Similar Description - EN23F0QI-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN2390QI ENPIRION-EN2390QI Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
logo
ON Semiconductor
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN2340QI ENPIRION-EN2340QI Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE758P ACE-ACE758P Datasheet
116Kb / 3P
   1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com