Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN2340QI Datasheet(PDF) 17 Page - Enpirion, Inc.

Part # EN2340QI
Description  204A Voltage Mode Synchronous Buck PWM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN2340QI Datasheet(HTML) 17 Page - Enpirion, Inc.

Back Button EN2340QI Datasheet HTML 12Page - Enpirion, Inc. EN2340QI Datasheet HTML 13Page - Enpirion, Inc. EN2340QI Datasheet HTML 14Page - Enpirion, Inc. EN2340QI Datasheet HTML 15Page - Enpirion, Inc. EN2340QI Datasheet HTML 16Page - Enpirion, Inc. EN2340QI Datasheet HTML 17Page - Enpirion, Inc. EN2340QI Datasheet HTML 18Page - Enpirion, Inc. EN2340QI Datasheet HTML 19Page - Enpirion, Inc. EN2340QI Datasheet HTML 20Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
06878
April 16, 2012
Rev: B
EN2340QI
©Enpirion 2012 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 17
Layout Recommendation
Figure 9: Top Layer Layout with Critical Components
(Top View). See Figure 8 for corresponding schematic.
This layout only shows the critical components and
top layer traces for minimum footprint in single-
supply mode with ENABLE tied to AVIN. Alternate
circuit configurations & other low-power pins need
to be connected and routed according to customer
application. Please see the Gerber files at
www.enpirion.com for details on all layers.
Recommendation 1: Input and output filter
capacitors should be placed on the same side of
the PCB, and as close to the EN2340QI package
as possible. They should be connected to the
device with very short and wide traces. Do not use
thermal reliefs or spokes when connecting the
capacitor pads to the respective nodes. The +V and
GND traces between the capacitors and the
EN2340QI should be as close to each other as
possible so that the gap between the two nodes is
minimized, even under the capacitors.
Recommendation 2: The PGND connections for
the input and output capacitors on layer 1 need to
have a slit between them in order to provide some
separation between input and output current loops.
Recommendation 3: The system ground plane
should be the first layer immediately below the
surface layer. This ground plane should be
continuous and un-interrupted below the converter
and the input/output capacitors.
Recommendation 4: The thermal pad underneath
the component must be connected to the system
ground plane through as many vias as possible.
The drill diameter of the vias should be 0.33mm,
and the vias must have at least 1 oz. copper plating
on the inside wall, making the finished hole size
around 0.20-0.26mm. Do not use thermal reliefs or
spokes to connect the vias to the ground plane.
This connection provides the path for heat
dissipation from the converter.
Recommendation 5: Multiple small vias (the same
size
as
the
thermal
vias
discussed
in
recommendation 4) should be used to connect
ground terminal of the input capacitor and output
capacitors to the system ground plane. It is
preferred to put these vias along the edge of the
GND copper closest to the +V copper. These vias
connect the input/output filter capacitors to the
GND plane, and help reduce parasitic inductances
in the input and output current loops. If vias cannot
be placed under the capacitors, then place them on
both sides of the slit in the top layer PGND copper.
Recommendation 6: AVIN is the power supply for
the small-signal control circuits. It should be
connected to the input voltage at a quiet point. In
Figure 9 this connection is made at the input
capacitor.
Recommendation 7: The layer 1 metal under the
device must not be more than shown in Figure 9.
Refer to the section regarding Exposed Metal on
Bottom of Package. As with any switch-mode
DC/DC converter, try not to run sensitive signal or
control lines underneath the converter package on
other layers.
Recommendation 8: The VOUT sense point should
be just after the last output filter capacitor. Keep the
sense trace short in order to avoid noise coupling
into the node. Contact Enpirion Technical Support
for any remote sensing applications.
Recommendation 9: Keep RA, CA, RB, and RCA
close to the VFB pin (Refer to Figure 9). The VFB
pin is a high-impedance, sensitive node. Keep the
trace to this pin as short as possible. Whenever
possible, connect RB directly to the AGND pins 52
and 53 instead of going through the GND plane.
Recommendation 10: Follow all the layout
recommendations as close as possible to optimize
performance. Enpirion provides schematic and
layout reviews for all customer designs. Contact
Enpirion Applications Engineering for detailed
support (techsupport@enpirion.com).


Similar Part No. - EN2340QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN2340QI ALTERA-EN2340QI Datasheet
1Mb / 23P
   Integrated Inductor
More results

Similar Description - EN2340QI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN23F0QI ENPIRION-EN23F0QI Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
EN2390QI ENPIRION-EN2390QI Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
logo
ON Semiconductor
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE758P ACE-ACE758P Datasheet
116Kb / 3P
   1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com