Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN2340QI Datasheet(PDF) 6 Page - Enpirion, Inc.

Part # EN2340QI
Description  204A Voltage Mode Synchronous Buck PWM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN2340QI Datasheet(HTML) 6 Page - Enpirion, Inc.

Back Button EN2340QI Datasheet HTML 2Page - Enpirion, Inc. EN2340QI Datasheet HTML 3Page - Enpirion, Inc. EN2340QI Datasheet HTML 4Page - Enpirion, Inc. EN2340QI Datasheet HTML 5Page - Enpirion, Inc. EN2340QI Datasheet HTML 6Page - Enpirion, Inc. EN2340QI Datasheet HTML 7Page - Enpirion, Inc. EN2340QI Datasheet HTML 8Page - Enpirion, Inc. EN2340QI Datasheet HTML 9Page - Enpirion, Inc. EN2340QI Datasheet HTML 10Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
06878
April 16, 2012
Rev: B
EN2340QI
©Enpirion 2012 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 6
Typical Performance Curves
50
55
60
65
70
75
80
85
90
95
0
0.5
1
1.5
2
2.5
3
3.5
4
OUTPUT CURRENT (A)
Efficiency vs. Output Current
VOUT = 5.0V
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
VOUT = 1.0V
CONDITIONS
VIN = 12.0V
AVIN = 3.3V
Dual Supply
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
3.5
4
OUTPUT CURRENT (A)
Efficiency vs. Output Current
VOUT = 5.0V
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
VOUT = 1.0V
CONDITIONS
VIN = 8.0V
CONDITIONS
VIN = 8.0V
AVIN = 3.3V
Dual Supply
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
3.5
4
OUTPUT CURRENT (A)
Efficiency vs. Output Current
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
VOUT = 1.0V
CONDITIONS
VIN = 8.0V
CONDITIONS
VIN = 5.0V
AVIN = 3.3V
Dual Supply
0.990
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VIN = 5V
VIN = 8V
VIN = 12V
CONDITIONS
VIN = 5.0V
CONDITIONS
VOUT_NOM = 1.0V
2.490
2.492
2.494
2.496
2.498
2.500
2.502
2.504
2.506
2.508
2.510
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VIN = 5V
VIN = 8V
VIN = 12V
CONDITIONS
VOUT_NOM = 2.5V
3.290
3.292
3.294
3.296
3.298
3.300
3.302
3.304
3.306
3.308
3.310
0.00.51.01.52.02.53.03.54.0
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VIN = 8V
VIN = 12V
CONDITIONS
VOUT_NOM = 3.3V


Similar Part No. - EN2340QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN2340QI ALTERA-EN2340QI Datasheet
1Mb / 23P
   Integrated Inductor
More results

Similar Description - EN2340QI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN23F0QI ENPIRION-EN23F0QI Datasheet
1Mb / 26P
   15A Voltage Mode Synchronous Buck PWM
EN2390QI ENPIRION-EN2390QI Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
logo
ON Semiconductor
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE758P ACE-ACE758P Datasheet
116Kb / 3P
   1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com