Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN23F0QI Datasheet(PDF) 19 Page - Enpirion, Inc.

Part # EN23F0QI
Description  15A Voltage Mode Synchronous Buck PWM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN23F0QI Datasheet(HTML) 19 Page - Enpirion, Inc.

Back Button EN23F0QI Datasheet HTML 15Page - Enpirion, Inc. EN23F0QI Datasheet HTML 16Page - Enpirion, Inc. EN23F0QI Datasheet HTML 17Page - Enpirion, Inc. EN23F0QI Datasheet HTML 18Page - Enpirion, Inc. EN23F0QI Datasheet HTML 19Page - Enpirion, Inc. EN23F0QI Datasheet HTML 20Page - Enpirion, Inc. EN23F0QI Datasheet HTML 21Page - Enpirion, Inc. EN23F0QI Datasheet HTML 22Page - Enpirion, Inc. EN23F0QI Datasheet HTML 23Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
EN23F0QI
©Enpirion 2012 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 19
Application Information
Output Voltage Programming and Loop
Compensation
The EN23F0QI uses a Type IV Voltage Mode
compensation network. Type IV Voltage Mode
control is a proprietary Enpirion control scheme that
maximizes control loop bandwidth to deliver
excellent load transient responses and maintain
output regulation with pin point accuracy. For ease
of use, most of this network has been customized
and is integrated within the device package. The
EN23F0QI output voltage is programmed using a
simple resistor divider network (RA and RB). The
feedback voltage at VFB is nominally 0.6V. RA is
predetermined based on Table 5 and RB can be
calculated based on Figure 10. The values
recommended for COUT, CA, RCA and REA make up
the external compensation of the EN23F0QI. It will
vary with each PVIN and VOUT combination to
optimize on performance. The EN23F0QI solution
can be optimized for either smallest size or highest
performance. Please see Table 5 for a list of
recommended RA, CA, RCA, REA and COUT values for
each solution.
Figure 10: VOUT Resistor Divider & Compensation
Components. See Table 5 for details.
Input Capacitor Selection
The EN23F0QI requires three 22µF/1206 input
capacitor. Low-cost, low-ESR ceramic capacitors
should be used as input capacitors for this
converter. The dielectric must be X5R or X7R
rated. Y5V or equivalent dielectric formulations
must not be used as these lose too much
capacitance with frequency, temperature and
bias voltage. In some applications, lower value
capacitors are needed in parallel with the larger,
capacitors in order to provide high frequency
decoupling. Table 3 contains a list of recommended
input capacitors.
Recommended Input Capacitors
Description
MFG
P/N
22µF, 16V, X5R,
10%, 1206
Murata
GRM31CR61C226ME15
22µF, 16V, X5R,
20%, 1206
Taiyo
Yuden
EMK316ABJ226ML-T
22µF, 25V, X5R,
10%, 1210
Murata
GRM32ER61E226KE15L
22µF, 25V, X5R,
20%, 1210
Taiyo
Yuden
TMK325BJ226MM-T
Table 3: Recommended Input Capacitors
Output Capacitor Selection
As seen from Table 5, the EN23F0QI has been
optimized for use with three 47µF/1206 plus one
100µF/1206 for best performance. For smallest
solution size, various combinations of output
capacitance may be used. See Table 5 for details.
Low ESR ceramic capacitors are required with X5R
or X7R rated dielectric formulation. Y5V or
equivalent dielectric formulations must not be
used as these lose too much capacitance with
frequency, temperature and bias voltage. Table
4 contains a list of recommended output capacitors.
Output ripple voltage is determined by the
aggregate output capacitor impedance. Capacitor
impedance, denoted as Z, is comprised of
capacitive reactance, effective series resistance,
ESR, and effective series inductance, ESL
reactance.
Placing output capacitors in parallel reduces the
impedance and will hence result in lower ripple
voltage.
n
Total
Z
Z
Z
Z
1
...
1
1
1
2
1
+
+
+
=
Recommended Output Capacitors
Description
MFG
P/N
47µF, 6.3V, X5R,
20%, 1206
Murata
GRM31CR60J476ME19L
47µF, 10V, X5R,
20%, 1206
Taiyo
Yuden
LMK316BJ476ML-T
22µF, 10V, X5R,
20%, 0805
Panasonic
ECJ-2FB1A226M
22µF, 10V, X5R,
20%, 0805
Taiyo
Yuden
LMK212BJ226MG-T
100µF, 6.3V, X5R,
20%, 1206
Murata
GRM31CR60J107ME39L
Taiyo
Yuden
JMK316BJ107ML-T
Table 4: Recommended Output Capacitors


Similar Part No. - EN23F0QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN2340QI ENPIRION-EN2340QI Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
logo
Altera Corporation
EN2340QI ALTERA-EN2340QI Datasheet
1Mb / 23P
   Integrated Inductor
logo
Enpirion, Inc.
EN2340QI-E ENPIRION-EN2340QI-E Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
logo
Altera Corporation
EN2342QI ALTERA-EN2342QI Datasheet
3Mb / 23P
   4A PowerSoC Voltage Mode Synchronous PWM Buck with Integrated Inductor
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results

Similar Description - EN23F0QI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN2390QI ENPIRION-EN2390QI Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
logo
ON Semiconductor
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN2340QI ENPIRION-EN2340QI Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE758P ACE-ACE758P Datasheet
116Kb / 3P
   1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com