Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN23F0QI Datasheet(PDF) 12 Page - Enpirion, Inc.

Part # EN23F0QI
Description  15A Voltage Mode Synchronous Buck PWM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN23F0QI Datasheet(HTML) 12 Page - Enpirion, Inc.

Back Button EN23F0QI Datasheet HTML 8Page - Enpirion, Inc. EN23F0QI Datasheet HTML 9Page - Enpirion, Inc. EN23F0QI Datasheet HTML 10Page - Enpirion, Inc. EN23F0QI Datasheet HTML 11Page - Enpirion, Inc. EN23F0QI Datasheet HTML 12Page - Enpirion, Inc. EN23F0QI Datasheet HTML 13Page - Enpirion, Inc. EN23F0QI Datasheet HTML 14Page - Enpirion, Inc. EN23F0QI Datasheet HTML 15Page - Enpirion, Inc. EN23F0QI Datasheet HTML 16Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
EN23F0QI
©Enpirion 2012 all rights reserved, E&OE
Enpirion Confidential
www.enpirion.com, Page 12
Typical Performance Characteristics
VOUT = 1V
(AC Coupled)
Output Ripple at 500MHz Bandwidth
CONDITIONS
VIN = 12V, CIN = 3x22µF (1206), COUT = 3x47µF + 100µF (1206)
VOUT = 1.8V
(AC Coupled)
VOUT = 3.3V
(AC Coupled)
LOAD = 10A
20mV / DIV
VOUT
(AC Coupled)
Load Transient from 0 to 5A (VOUT =1V)
CONDITIONS
VIN = 12V, VOUT = 1.0V
CIN = 3 x 22µF (1206)
COUT = 3 x 47µF (0805) + 3 x 22µF (0805)
Using Best Performance Configuration
LOAD
VOUT
(AC Coupled)
Load Transient from 0 to 10A (VOUT =1V)
CONDITIONS
VIN = 12V, VOUT = 1.0V
CIN = 3 x 22µF (1206)
COUT = 3 x 47µF (0805) + 3 x 22µF (0805)
Using Best Performance Configuration
LOAD
VOUT
(AC Coupled)
Load Transient from 0 to 15A (VOUT =1V)
CONDITIONS
VIN = 12V, VOUT = 1.0V
CIN = 3 x 22µF (1206)
COUT = 3 x 47µF (0805) + 3 x 22µF (0805)
Using Best Performance Configuration
LOAD
VOUT
(AC Coupled)
Load Transient from 0 to 5A (VOUT =3.3V)
CONDITIONS
VIN = 12V, VOUT = 3.3V
CIN = 3 x 22µF (1206)
COUT = 3 x 47µF (0805) + 3 x 22µF (0805)
Using Best Performance Configuration
LOAD
VOUT
(AC Coupled)
Load Transient from 0 to 10A (VOUT =3.3V)
CONDITIONS
VIN = 12V, VOUT = 3.3V
CIN = 3 x 22µF (1206)
COUT = 3 x 47µF (0805) + 3 x 22µF (0805)
Using Best Performance Configuration
LOAD


Similar Part No. - EN23F0QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN2340QI ENPIRION-EN2340QI Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
logo
Altera Corporation
EN2340QI ALTERA-EN2340QI Datasheet
1Mb / 23P
   Integrated Inductor
logo
Enpirion, Inc.
EN2340QI-E ENPIRION-EN2340QI-E Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
logo
Altera Corporation
EN2342QI ALTERA-EN2342QI Datasheet
3Mb / 23P
   4A PowerSoC Voltage Mode Synchronous PWM Buck with Integrated Inductor
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results

Similar Description - EN23F0QI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN2390QI ENPIRION-EN2390QI Datasheet
791Kb / 21P
   9A Voltage Mode Synchronous Buck PWM
logo
ON Semiconductor
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Enpirion, Inc.
EN2340QI ENPIRION-EN2340QI Datasheet
1Mb / 20P
   204A Voltage Mode Synchronous Buck PWM
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE758P ACE-ACE758P Datasheet
116Kb / 3P
   1.5V Voltage Mode Synchronous PWM Buck with Integrated Inductor
VER 1.2
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com