Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC6K01 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPC6K01
Description  General-Purpose Rectifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6K01 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC6K01 Datasheet HTML 1Page - Toshiba Semiconductor TPC6K01 Datasheet HTML 2Page - Toshiba Semiconductor TPC6K01 Datasheet HTML 3Page - Toshiba Semiconductor TPC6K01 Datasheet HTML 4Page - Toshiba Semiconductor TPC6K01 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TPC6K01
2006-11-06
4
Surge forward current
(non-repetitive)
PF (AV) – IF (AV)
Ta max – IF (AV)
Device mounted on a glass-epoxy board (a)
(Board size 25.4 mm
2, soldering land 25.4 mm2)
Instantaneous forward voltage vF
(V)
iF – vF
0
0.4
0.01
0.1
1
10
0.8
1.2
1.6
2.0
25°C
75°C
Tj = 150°C
Pulse test
One cell
Number of cycles
One cell
Ta
= 25°C
f
= 50 Hz
0
1
4
3
2
1
100
10
3
5
30
50
Average forward current IF (AV) (A)
0
0.1
0.2
0.3
0
0.1
0.4
0.2
0.4
0.3
Conduction angle 180°
One cell
180°
160
0
40
20
60
120
100
80
140
Time t (s)
Rth (j-a) – t
1
10
1000
100
0.001
0.01
0.1
1000
1
10
100
Device mounted on a glass-epoxy board (a)
(1) Single-device operation
(2) Single-device value at dual operation
Device mounted on a glass-epoxy board (b)
(3) Single-device operation
(4) Single-device value at dual operation
(2)
(1)
(4)
(3)
Halfsine waveform
Average forward current IF (AV) (A)
0
0.4
0.1
0.2
0.3
Conduction angle 180°
180°
(1) Single-device operation
(2) Single-device value at dual operation
(2)
(1)
Halfsine waveform


Similar Part No. - TPC6K01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPC6.8 VISHAY-TPC6.8 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
TPC6.8 VISHAY-TPC6.8 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 10-May-11
TPC6.8A VISHAY-TPC6.8A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
TPC6.8A VISHAY-TPC6.8A Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 10-May-11
TPC6.8A VISHAY-TPC6.8A Datasheet
102Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - TPC6K01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1S1885A TOSHIBA-1S1885A Datasheet
131Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1829 TOSHIBA-1S1829 Datasheet
116Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1830 TOSHIBA-1S1830 Datasheet
134Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S2460 TOSHIBA-1S2460 Datasheet
93Kb / 2P
   GENERAL PURPOSE RECTIFIER APPLICATIONS.
CMG03 TOSHIBA-CMG03 Datasheet
155Kb / 4P
   General Purpose Rectifier Applications
CRG03 TOSHIBA-CRG03 Datasheet
165Kb / 4P
   General Purpose Rectifier Applications
U2JC44 TOSHIBA-U2JC44 Datasheet
154Kb / 3P
   GENERAL PURPOSE RECTIFIER APPLICATIONS
1R5JZ41 TOSHIBA-1R5JZ41 Datasheet
135Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
1N4001WS KEXIN-1N4001WS Datasheet
63Kb / 2P
   General Purpose Rectifier Applications
logo
Toshiba Semiconductor
CRG09 TOSHIBA-CRG09 Datasheet
188Kb / 6P
   General Purpose Rectifier Applications
U10LC48 TOSHIBA-U10LC48_07 Datasheet
206Kb / 4P
   General Purpose Rectifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com