Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLBF1108A Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLBF1108A
Description  General Lighting
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLBF1108A Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLBF1108A Datasheet HTML 1Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 2Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 3Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 4Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 5Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 6Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 7Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 8Page - Toshiba Semiconductor TLBF1108A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TLBF1108A(T11
2
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Forward current (DC)
Reverse voltage
Power dissipation
Operating temperature
Storage temperature
Symbol
IF
VR
PD
Topr
Tstg
Note
See Fig. 4.1
Max
50
5
215
-40 to 100
-40 to 100
Unit
mA
V
mW
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Fig.
Fig.
Fig.
Fig. 4.1
4.1
4.1
4.1 Forward Current Derating, I
Forward Current Derating, I
Forward Current Derating, I
Forward Current Derating, IFFFF - T
- T
- T
- Taaaa
5.
5.
5.
5. Handling Precautions
Handling Precautions
Handling Precautions
Handling Precautions
ESD withstand voltage according to MIL STD 883D, Method 3015.7: ≥ 1000 V
When handling this LED, take the following measures to prevent the LED from being damaged or
otherwise adversely affected.
1. Use a conductive tablemat and conductive floor mat, and ground the workbench and floor.
2. Operators handling laser diodes must be grounded via a high resistance (about 1 MΩ). A conductive
strap is good for this purpose.
3. Ground all tools including soldering irons.
Since this product is intended to be used for display lighting, the measurement standard is based on the
spectral sensitivity of the human eye. It is not intended to be used for any applications other than display
lighting (e.g., sensors and light communications systems.)
2012-02-24
Rev.2.0


Similar Part No. - TLBF1108A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLBF1100C TOSHIBA-TLBF1100C Datasheet
252Kb / 10P
   LED Lamps
TLBF1100D TOSHIBA-TLBF1100D Datasheet
260Kb / 12P
   General Lighting
More results

Similar Description - TLBF1108A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
TLBF1100D TOSHIBA-TLBF1100D Datasheet
260Kb / 12P
   General Lighting
TLWLF1100D TOSHIBA-TLWLF1100D Datasheet
273Kb / 13P
   General Lighting
TLWLF1108A TOSHIBA-TLWLF1108A Datasheet
271Kb / 13P
   General Lighting
TLWLF1109A TOSHIBA-TLWLF1109A Datasheet
270Kb / 13P
   General Lighting
TLWNF1100D TOSHIBA-TLWNF1100D Datasheet
272Kb / 13P
   General Lighting
TLWNF1109A TOSHIBA-TLWNF1109A Datasheet
268Kb / 13P
   General Lighting
TLWF1109A TOSHIBA-TLWF1109A Datasheet
270Kb / 13P
   General Lighting
TLWF1108A TOSHIBA-TLWF1108A Datasheet
271Kb / 13P
   General Lighting
TLWF1100D TOSHIBA-TLWF1100D Datasheet
253Kb / 13P
   General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com