Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS66WVE2M16DBLL-70BI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS66WVE2M16DBLL-70BI
Description  3.0V Core Async/Page PSRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVE2M16DBLL-70BI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS66WVE2M16DBLL-70BI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS66WVE2M16DBLL-70BI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS66WVE2M16DBLL-70BI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS66WVE2M16DBLL-70BI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66WVE2M16DBLL-70BI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66WVE2M16DBLL-70BI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66WVE2M16DBLL-70BI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66WVE2M16DBLL-70BI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WVE2M16DBLL-70BI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
IS66WVE2M16DBLL
Rev.A | May 2012
www.issi.com - SRAM@issi.com
Functional Description
All functions for the device are listed below in Table 2.
Mode
Power
CE#
WE#
OE#
UB#/LB#
ZZ#
DQ
[15:0]4
Note
Standby
Standby
H
X
X
X
H
High-Z
2,5
Read
Active
L
H
L
L
H
Data-Out
1,4
Write
Active
L
L
X
L
H
Data-In
1,3,4
No operation
Idle
L
X
X
X
H
X
4,5
PAR
PAR
H
X
X
X
L
High-Z
6
DPD
DPD
H
X
X
X
L
High-Z
6
Load
Configuration
register
Active
L
L
X
X
L
High-Z
Table 2. Functional Descriptions
Notes
1. When UB# and LB# are in select mode (LOW), DQ0~DQ15 are affected as shown.
When only LB# is in select mode, DQ0~DQ7 are affected as shown. When only UB# is
in select mode, DQ8~DQ15 are affected as shown.
2. When the device is in standby mode, control inputs (WE#, OE#), address inputs, and data
inputs/outputs are internally isolated from any external influence.
3. When WE# is active, the OE# input is internally disabled and has no effect on the I/Os.
4. The device will consume active power in this mode whenever addresses are changed.
5. Vin=VDDQ or 0V, all device pins be static (unswitched) in order to achieve standby current.
6. DPD is enabled when configuration register bit CR[4] is “0”; otherwise, PAR is enabled.


Similar Part No. - IS66WVE2M16DBLL-70BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE2M16DALL ISSI-IS66WVE2M16DALL Datasheet
505Kb / 28P
   1.8V Core Async/Page PSRAM
IS66WVE2M16DALL-70BLI ISSI-IS66WVE2M16DALL-70BLI Datasheet
505Kb / 28P
   1.8V Core Async/Page PSRAM
More results

Similar Description - IS66WVE2M16DBLL-70BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE1M16BLL ISSI-IS66WVE1M16BLL Datasheet
589Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE4M16BLL ISSI-IS66WVE4M16BLL Datasheet
530Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE1M16ALL ISSI-IS66WVE1M16ALL Datasheet
522Kb / 30P
   1.8V Core Async/Page PSRAM
IS66WVE2M16DALL ISSI-IS66WVE2M16DALL Datasheet
505Kb / 28P
   1.8V Core Async/Page PSRAM
IS66WVE4M16ALL ISSI-IS66WVE4M16ALL Datasheet
597Kb / 30P
   1.8V Core Async/Page PSRAM
IS66WVE1M16EALL-70BLI ISSI-IS66WVE1M16EALL-70BLI Datasheet
688Kb / 34P
   16Mb Async/Page PSRAM
logo
White Electronic Design...
W764M32V-XSBX WEDC-W764M32V-XSBX Datasheet
505Kb / 16P
   64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
logo
Power IC Ltd.
PIC9310 PICSEMI-PIC9310 Datasheet
136Kb / 2P
   Async Boost with 600KHz switching
logo
Integrated Silicon Solu...
IS66WVO16M8DALL ISSI-IS66WVO16M8DALL Datasheet
940Kb / 34P
   128Mb OctalRAM 1.8V/3.0V SERIAL PSRAM MEMORY WITH 200MHZ DTR OPI (OCTAL PERIPHERAL INTERFACE) PROTOCOL
Rev. A2 02/25/2022
IS66WVO32M8DALL ISSI-IS66WVO32M8DALL Datasheet
934Kb / 34P
   256Mb OctalRAM 1.8V/3.0V SERIAL PSRAM MEMORY WITH 200MHZ DTR OPI (OCTAL PERIPHERAL INTERFACE) PROTOCOL
Rev. A2 02/25/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com