Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31LT3929 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS31LT3929
Description  Flyback configuration LED driver with integrated PFC and no feedback
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3929 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS31LT3929 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31LT3929 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31LT3929 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3929 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3929 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3929 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3929 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3929 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3929 Datasheet HTML 9Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IS31LT3929
Preliminary
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 4/2/2012
1
Flyback configuration LED driver with integrated PFC and no feedback
General Description
The IS31LT3929 is a primary side, peak current
mode, isolated type HBLED driver.
The device
works at a constant frequency in discontinuous
conduction mode to provide a constant power to the
input.
It eliminates the need for an opto-coupler,
TL431, or any other type of secondary side feedback.
It operates from an input voltage range of 85VAC to
265VAC.
The IS31LT3929 integrates over current/voltage
protection, as well as includes a thermal shutdown to
halt the switching action in the case of abnormally
high operating temperatures.
Features
Power factor correction to > 0.9
3% typical current accuracy
No loop compensation required
Wide input voltage range: 85V to 265VAC
Internal over-temperature protection
Applications
AC/DC constant current LED driver
General AC/DC power supply
General LED Lighting
Typical Operating Circuit
85~265Vac
Fuse
BD
C1
C2
C3
C4
C5
C6
R1
R2
R3
R4
R5
Rcs
R6
R7
R8
D1
D3
D2
D4
LED1
LEDn
TR
Q1
U1
3929
GATE
CS
GND
NC
VCC
VSINE
FSET
FB
Figure 1 Typical Operating Circuit
Copyright © 2011 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised
to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the
product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not
authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS31LT3929

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
IS31LT3910-GRLS2 ISSI-IS31LT3910-GRLS2 Datasheet
245Kb / 10P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER WITH TEMPERATURE COMPENSATION
IS31LT3910-GRLS2-TR ISSI-IS31LT3910-GRLS2-TR Datasheet
245Kb / 10P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER WITH TEMPERATURE COMPENSATION
IS31LT3918 ISSI-IS31LT3918 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
IS31LT3918-GRLS2 ISSI-IS31LT3918-GRLS2 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
More results

Similar Description - IS31LT3929

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZLED7031 IDT-ZLED7031 Datasheet
1Mb / 20P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
List of Unclassifed Man...
ZSLS7031 ETC2-ZSLS7031 Datasheet
1Mb / 22P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
Renesas Technology Corp
ZSLS7031 RENESAS-ZSLS7031 Datasheet
1Mb / 21P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
January 26, 2016
logo
Power Integrations, Inc...
LYT6063C POWERINT-LYT6063C Datasheet
2Mb / 38P
   Flyback CV/CC LED Driver IC with Integrated High-Voltage Switch and FluxLink Feedback
June 2020
logo
NXP Semiconductors
AN11142 NXP-AN11142 Datasheet
970Kb / 56P
   GreenChip TEA1755 integrated PFC and flyback controller
Rev. 2 - 13 September 2017
AN11054 PHILIPS-AN11054_15 Datasheet
752Kb / 27P
   GreenChip III SSL4101 integrated PFC and flyback controller
Rev. 1-13 May 2011
logo
Kinetic Technologies.
KTB1100 KINETIC-KTB1100 Datasheet
1Mb / 20P
   15W Flyback Regulator with Digital Isolator Integrated Feedback
February 2022 - Revision 04b
logo
Vincotech
20-1B06IPB004RC01-P952A45 VINCOTECH-20-1B06IPB004RC01-P952A45 Datasheet
1Mb / 32P
   Input Rectifier, PFC-Boost with integrated PFC-Shunt, PFC-Gate driver and DC-capacitor
logo
Linear Technology
LT3799 LINER-LT3799 Datasheet
1Mb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com