Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31LT3918 Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS31LT3918
Description  HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3918 Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS31LT3918 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3918 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3918 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3918 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3918 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3918 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3918 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31LT3918 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31LT3918 Datasheet HTML 11Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IS31LT3918
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 09/01/2011
8
Appendix: Typical application circuit of DC voltage input using a single External NMOS
IS3918
Gate
CS
ADJ
TOFF
VIN
DIM1
DIM2
GND
LED+
LED-
Roff
Rcs
Q1
Cin
Rin
D1
L1
Cout
Vin DC 6-150V
Cin
Note:
In the above configuration, it is important to pay attention to the VGSON value for Q1. IS31LT3918 provides a maximum gate drive of
4.5V (typ), thus requiring that a low threshold voltage NMOS be used.
IS31LT3918


Similar Part No. - IS31LT3918

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3918-GRLS2 ISSI-IS31LT3918-GRLS2 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
More results

Similar Description - IS31LT3918

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3918-GRLS2 ISSI-IS31LT3918-GRLS2 Datasheet
270Kb / 11P
   HIGH VOLTAGE LED LIGHTING DRIVER WITH SWITCH DIMMING
logo
AiT Semiconductor Inc.
A8180 AITSEMI-A8180 Datasheet
794Kb / 19P
   LED LIGHTING DRIVER HIGH BRIGHTNESS LED DRIVER WITH INTERNAL SWITCH
REV3.0 - APR 2010
logo
Integrated Device Techn...
ZLED7030 IDT-ZLED7030 Datasheet
615Kb / 22P
   High Current 40V LED Driver with Switch Dimming
logo
List of Unclassifed Man...
ZLED7530 ETC2-ZLED7530 Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
ZLED7030 ETC2-ZLED7030 Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
ZLED7330 ETC2-ZLED7330 Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
logo
Renesas Technology Corp
ZLED7030 RENESAS-ZLED7030 Datasheet
759Kb / 23P
   High Current 40V LED Driver with Switch Dimming
April 20, 2016
logo
List of Unclassifed Man...
ZLED7730 ETC2-ZLED7730 Datasheet
2Mb / 24P
   High Current 40V LED Driver with Switch Dimming
logo
Eutech Microelectronics...
XD9057 EUTECH-XD9057 Datasheet
1Mb / 1P
   High Voltage LED Lighting Driver
logo
Integrated Silicon Solu...
IS31LT3380 ISSI-IS31LT3380 Datasheet
444Kb / 12P
   40V/1.2A LED DRIVER WITH SWITCH DIMMING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com