Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS66WVE1M16ALL Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS66WVE1M16ALL
Description  1.8V Core Async/Page PSRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVE1M16ALL Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS66WVE1M16ALL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS66WVE1M16ALL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS66WVE1M16ALL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS66WVE1M16ALL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66WVE1M16ALL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66WVE1M16ALL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66WVE1M16ALL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66WVE1M16ALL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WVE1M16ALL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
IS66WVE1M16ALL
Advanced Information
Rev.00C | November 2010
www.issi.com - SRAM@issi.com
Overview
The IS66WVE1M16ALL is an integrated memory device containing 16Mbit Pseudo Static Random Access
Memory using a self-refresh DRAM array organized as 1M words by 16 bits. The device includes several
power saving modes : Partial Array Refresh mode where data is retained in a portion of the array and
Deep Power Down mode. Both these modes reduce standby current drain. The die has separate power
rails, VDDQ and VSSQ for the I/O to be run from a separate power supply from the device core.
Asynchronous and page mode interface
Dual voltage rails for optional performance
VDD 1.8V, VDDQ 1.8V
Page mode read access
Interpage Read access : 70ns
Intrapage Read access : 20ns
Low Power Consumption
Asynchronous Operation < 30 mA
Intrapage Read < 18mA
Standby < 80 uA (max.)
Deep power-down (DPD) < 3uA (Typ)
Low Power Feature
Temperature Controlled Refresh
Partial Array Refresh
Deep power-down (DPD) mode
Operating temperature Range
Industrial -40°C~85°C
Package:
48-ball TFBGA, 48-pin TSOP-I
1.8V Core Async/Page PSRAM
Features
Copyright © 2010 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its
products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services
described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information
and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or
malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or
effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to
its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
Notes :
1. The 48-pin TSOP-I package option is not yet available. Please contact SRAM marketing at sram@issi.com for
additional information.


Similar Part No. - IS66WVE1M16ALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE1M16BLL ISSI-IS66WVE1M16BLL Datasheet
589Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE1M16BLL ISSI-IS66WVE1M16BLL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS66WVE1M16BLL-55BLI ISSI-IS66WVE1M16BLL-55BLI Datasheet
589Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE1M16BLL-70BLI ISSI-IS66WVE1M16BLL-70BLI Datasheet
589Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE1M16CLL ISSI-IS66WVE1M16CLL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
More results

Similar Description - IS66WVE1M16ALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE2M16DALL ISSI-IS66WVE2M16DALL Datasheet
505Kb / 28P
   1.8V Core Async/Page PSRAM
IS66WVE4M16ALL ISSI-IS66WVE4M16ALL Datasheet
597Kb / 30P
   1.8V Core Async/Page PSRAM
IS66WVE1M16BLL ISSI-IS66WVE1M16BLL Datasheet
589Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE4M16BLL ISSI-IS66WVE4M16BLL Datasheet
530Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE2M16DBLL ISSI-IS66WVE2M16DBLL Datasheet
505Kb / 28P
   3.0V Core Async/Page PSRAM
IS66WVE1M16EALL-70BLI ISSI-IS66WVE1M16EALL-70BLI Datasheet
688Kb / 34P
   16Mb Async/Page PSRAM
logo
STMicroelectronics
M69AR048B STMICROELECTRONICS-M69AR048B Datasheet
481Kb / 29P
   32 Mbit (2Mb x16) 1.8V Asynchronous PSRAM
M69KB128AA STMICROELECTRONICS-M69KB128AA Datasheet
489Kb / 68P
   128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
M69KB096AA STMICROELECTRONICS-M69KB096AA Datasheet
623Kb / 48P
   64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
logo
Power IC Ltd.
PIC9310 PICSEMI-PIC9310 Datasheet
136Kb / 2P
   Async Boost with 600KHz switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com