Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31IO7328 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS31IO7328
Description  MULTI-FUNCTION I/O DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31IO7328 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS31IO7328 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31IO7328 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31IO7328 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31IO7328 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31IO7328 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31IO7328 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31IO7328 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31IO7328 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31IO7328 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IS31IO7328
Integrated Silicon Solution, Inc. – www.issi.com
5
Rev.A, 12/27/2011
ABSOLUTE MAXIMUM RATINGS
Supply voltage, VCC
-0.3V ~ +6.0V
Voltage at any input pin
-0.3V ~ VCC+0.3V
SCL, SDA, AD, RST
________
, INT
_______
, OD0-OD3
-0.3V ~ +6.0V
PP0–PP3
-0.3V ~ VCC+0.3V
PP source output current
±100mA
PP/OD sink current
120mA
SDA sink current
10mA
INT
_______
sink current
10mA
Continuous power dissipation (TA = 70°C) 16-Pin WQFN (Derate
29.0mW/°C over 70°C)
2.32W
Maximum junction temperature, TJMAX
150°C
Storage temperature range, TSTG
-65°C ~ +150°C
Operating temperature range, TA
−40°C ~ +125°C
Solder information, vapor phase (60s)
infrared (15s)
215°C
220°C
Note:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other condition beyond those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
TA = 25°C, VCC = 2.4V ~ 5.5V, unless otherwise noted. Typical values are at VCC = 3.3V, TA = 25°C. (Note 1)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VCC
Supply voltage
2.4
5.5
V
VPOR
Power-on-reset voltage
VCC falling, TA = -40°C
2.35
V
VCC falling, TA = -20°C
2.3
ISTB
Standby current
(Interface idle)
SCL and SDA and other digital
inputs at VCC
0.3
1.9
μA
I+
Supply current
(Interface running)
fSCL = 400kHz; other digital
inputs at VCC
8
20
μA
VIH
Input high-voltage, SDA, SCL,
AD RST
________
, OD0~OD3,
1.4
V
VIL
Input low-voltage, SDA, SCL,
AD RST
________
, OD0~OD3,
0.4
V
IIH, IIL
Input leakage current, SDA,
SCL, AD RST
________
, OD0~OD3,
PP0~PP3
SDA,
SCL,
AD,
RST
________
,
OD0~OD3, PP0~PP3 at VDD
or GND.
-0.2
+0.2
μA
CIN
Input capacitance, SDA, SCL,
AD, RST
________
, OD0~OD3,
PP0~PP3
(Note3)
10
pF
VOL
Output low voltage, PP0~PP3,
OD0~OD3
VCC = 2.5V, ISINK = 10mA
200
mV
VCC = 3.3V, ISINK = 15mA
240
VCC = 5.0V, ISINK = 20mA
250
VOH
Output high voltage
PP0~PP3
VCC = 2.5V, ISOURCE = 5mA
VCC-316
mV
VCC = 3.3V, ISOURCE = 5mA
VCC-213
VCC = 5.0V, ISOURCE = 10mA
VCC-289
VOLSDA
Output Low-Voltage SDA
ISINK = 6mA
180
mV
VOL
INT
_______
Output Low-Voltage INT
_______
ISINK = 5mA
180
mV


Similar Part No. - IS31IO7328

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31IO7325 ISSI-IS31IO7325 Datasheet
368Kb / 15P
   MULTI-FUNCTION I/O DRIVER
IS31IO7326 ISSI-IS31IO7326 Datasheet
369Kb / 14P
   DEBOUNCED 8횞8 KEY-SCAN CONTROLLER
More results

Similar Description - IS31IO7328

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31IO7325 ISSI-IS31IO7325 Datasheet
368Kb / 15P
   MULTI-FUNCTION I/O DRIVER
logo
Contec Co., Ltd
AIO-160802L-LPE CONTEC-AIO-160802L-LPE Datasheet
503Kb / 5P
   PCI Express-compliant Multi-function Analog I/O
logo
National Semiconductor ...
CS5530 NSC-CS5530 Datasheet
3Mb / 241P
   Geode??CS5530 I/O Companion Multi-Function South Bridge
CS5535 NSC-CS5535 Datasheet
3Mb / 555P
   Geode??CS5535 I/O Companion Multi-Function South Bridge
CS5530A NSC-CS5530A Datasheet
4Mb / 259P
   Geode CS5530A I/O Companion Multi-Function South Bridge
logo
UMC Corporation
UM82C452 UMC-UM82C452 Datasheet
1Mb / 24P
   SINGLE CHIP MULTI - I/O
logo
IC-Haus GmbH
IC-DXC ICHAUS-IC-DXC_11 Datasheet
484Kb / 11P
   DIGITAL SENSOR I/O DRIVER
IC-DXC ICHAUS-IC-DXC_17 Datasheet
519Kb / 12P
   DIGITAL SENSOR I/O DRIVER
IC-DXC3 ICHAUS-IC-DXC3 Datasheet
566Kb / 12P
   DIGITAL SENSOR I/O DRIVER
logo
Megawin Technology Co.,...
MA009A MEGAWIN-MA009A Datasheet
664Kb / 19P
   24-bit I/O extender with interrupt function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com