Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31IO7326 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS31IO7326
Description  DEBOUNCED 8횞8 KEY-SCAN CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31IO7326 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS31IO7326 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31IO7326 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31IO7326 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31IO7326 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31IO7326 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31IO7326 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31IO7326 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31IO7326 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31IO7326 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IS31IO7326
Integrated Silicon Solution, Inc. – www.issi.com
Rev.A, 12/19/2011
1
DEBOUNCED 8×8 KEY-SCAN CONTROLLER
January 2012
GENERAL DESCRIPTION
The IS31IO7326 is a 64 key, key-scan controller. It
offloads the burden of keyboard scanning from the host
processor. The IS31IO7326 supports keypad matrix of
up to 8×8. Key press and release events are encoded
into a byte format and loaded into a key event register
for retrieval by the host processor.
The IS31IO7326 integrates a debounce function which
rejects false or transient key switch activities. The
interrupt output (INT
_______
) is used to signify if there are any
keypad activities.
To minimize power, the IS31IO7326 automatically
enters a low power standby mode when there is no
keypad, I/O, or host activity.
The IS31IO7326 is available in a Pb-free 4mm × 4mm
QFN-24 package.
TYPICAL APPLICATION CIRCUIT
FEATURES
2.4V to 5.5V operation
400kHz I
2C serial interface
Available for multi-key press detect
Low 0.3μA (typ.) standby current
Operate in -40°C to +125°C
Pb-free 4mm × 4mm QFN-24 package
APPLICATIONS
Keypad of QWERTY type phones
PDAs, games, and other handheld applications
PP0
PP1
PP2
PP3
OD0
OD1
OD2
PP4
PP5
PP6
PP7
OD4
OD5
OD6
OD7
OD3
SCL
SDA
INT
RST
AD0
AD1
GND
VCC
Micro
Controller
100k
1 F
4.7k
4.7k
4.7k
IS31IO7326
13
12
11
10
8
7
6
5
1
2
3
4
14
15
16
17
19
20
22
23
18
24
9
21
VBattery
VDD
VBattery
100k
0.1 F
Figure 1
Typical Application Circuit


Similar Part No. - IS31IO7326

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31IO7325 ISSI-IS31IO7325 Datasheet
368Kb / 15P
   MULTI-FUNCTION I/O DRIVER
IS31IO7328 ISSI-IS31IO7328 Datasheet
380Kb / 15P
   MULTI-FUNCTION I/O DRIVER
More results

Similar Description - IS31IO7326

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75700T SANYO-LC75700T Datasheet
133Kb / 16P
   Key Scan IC
logo
Toshiba Semiconductor
TC9290P TOSHIBA-TC9290P Datasheet
375Kb / 10P
   KEY SCAN IC
logo
Hitachi Semiconductor
HD66724 HITACHI-HD66724 Datasheet
834Kb / 117P
   (Graphics LCD Controller/Driver with Key Scan Function)
logo
STMicroelectronics
STLED316S STMICROELECTRONICS-STLED316S Datasheet
82Kb / 4P
   Serial-Interfaced 6-Digit LED controller with key scan
logo
MOSDESIGN SEMICONDUCTOR...
MC88A MOSDESIGN-MC88A Datasheet
23Kb / 1P
   8 TUNES 8 KEY WITH SCAN KEY
2005-01-25
logo
List of Unclassifed Man...
MC88A ETC1-MC88A Datasheet
99Kb / 1P
   8 TUNES 8 KEY WITH SCAN KEY
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Tontek Design Technolog...
TT1668 TONTEK-TT1668 Datasheet
617Kb / 14P
   LED Driver with Key Scan Function
logo
New Japan Radio
NJU6010 NJRC-NJU6010 Datasheet
217Kb / 13P
   24 keys input key-scan IC
logo
Tontek Design Technolog...
TT1628 TONTEK-TT1628 Datasheet
617Kb / 14P
   LED Driver with Key Scan Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com