Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31FL3199 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS31FL3199
Description  9-CHANNEL LIGHT EFFECT LED DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31FL3199 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS31FL3199 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31FL3199 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31FL3199 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31FL3199 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31FL3199 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31FL3199 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31FL3199 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31FL3199 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31FL3199 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IS31FL3199
Integrated Silicon Solution, Inc. — www.issi.com
Rev.A, 12/26/2011
6
DIGITAL INPUT SWITCHING CHARACTERISTICS (Note 3)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
fSCL
Serial-Clock frequency
400
kHz
tBUF
Bus free time between a STOP and a START
condition
1.3
μs
tHD, STA
Hold time (repeated) START condition
0.6
μs
tSU, STA
Repeated START condition setup time
0.6
μs
tSU, STO
STOP condition setup time
0.6
μs
tHD, DAT
Data hold time
0.9
μs
tSU, DAT
Data setup time
100
ns
tLOW
SCL clock low period
1.3
μs
tHIGH
SCL clock high period
0.7
μs
tR
Rise time of both SDA and SCL signals,
receiving
(Note 4)
20+0.1Cb
300
ns
tF
Fall time of both SDA and SCL signals,
receiving
(Note 4)
20+0.1Cb
300
ns
Note 1:
The average current of each channel is IOUT.
Note 2:
All LEDs are on.
Note 3:
Guaranteed by design.
Note 4:
Cb = total capacitance of one bus line in pF. ISINK ≤ 6mA. tR and tF measured between 0.3 × VCC and 0.7 × VCC.


Similar Part No. - IS31FL3199

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3191 ISSI-IS31FL3191 Datasheet
315Kb / 12P
   1-CHANNEL FUN LED DRIVER
IS31FL3191-UTLS2-TR ISSI-IS31FL3191-UTLS2-TR Datasheet
319Kb / 15P
   1-CHANNEL FUN LED DRIVER
IS31FL3193 ISSI-IS31FL3193 Datasheet
356Kb / 13P
   3-CHANNEL FUN LED DRIVER
IS31FL3193-DLS2-EB ISSI-IS31FL3193-DLS2-EB Datasheet
320Kb / 13P
   3-CHANNEL FUN LED DRIVER
IS31FL3193-DLS2-TR ISSI-IS31FL3193-DLS2-TR Datasheet
320Kb / 13P
   9-CHANNEL LIGHT EFFECT LED DRIVER
More results

Similar Description - IS31FL3199

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3193-DLS2-TR ISSI-IS31FL3193-DLS2-TR Datasheet
320Kb / 13P
   9-CHANNEL LIGHT EFFECT LED DRIVER
IS31FL3196 ISSI-IS31FL3196 Datasheet
394Kb / 15P
   6-CHANNEL LIGHT EFFECT LED DRIVER
IS31FL3196A ISSI-IS31FL3196A Datasheet
404Kb / 17P
   6-CHANNEL LIGHT EFFECT LED DRIVER
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
   9-channel LED Driver
logo
ON Semiconductor
LV5237JA ONSEMI-LV5237JA Datasheet
418Kb / 23P
   9-channel LED Driver
November 2014 - Rev. P0
LV5234V ONSEMI-LV5234V Datasheet
347Kb / 24P
   9-channel LED Driver
March, 2014
logo
Marktech Corporate
TB62781FNG MARKTECH-TB62781FNG Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
Comchip Technology
TB62781FNG COMCHIP-TB62781FNG_15 Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
AMC7123 ETC1-AMC7123 Datasheet
104Kb / 1P
   Flash Light LED Driver
logo
ADDtek Corp
AMC7123 ADDTEK-AMC7123 Datasheet
97Kb / 8P
   FLASH LIGHT LED DRIVER
JULY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com