Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGJ4J2X7R1C0R5MTXXXX Datasheet(PDF) 2 Page - TDK Electronics

Part # CGJ4J2X7R1C0R5MTXXXX
Description  CGJ Series Extended Life Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ4J2X7R1C0R5MTXXXX Datasheet(HTML) 2 Page - TDK Electronics

  CGJ4J2X7R1C0R5MTXXXX Datasheet HTML 1Page - TDK Electronics CGJ4J2X7R1C0R5MTXXXX Datasheet HTML 2Page - TDK Electronics CGJ4J2X7R1C0R5MTXXXX Datasheet HTML 3Page - TDK Electronics CGJ4J2X7R1C0R5MTXXXX Datasheet HTML 4Page - TDK Electronics CGJ4J2X7R1C0R5MTXXXX Datasheet HTML 5Page - TDK Electronics CGJ4J2X7R1C0R5MTXXXX Datasheet HTML 6Page - TDK Electronics CGJ4J2X7R1C0R5MTXXXX Datasheet HTML 7Page - TDK Electronics CGJ4J2X7R1C0R5MTXXXX Datasheet HTML 8Page - TDK Electronics CGJ4J2X7R1C0R5MTXXXX Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
REMINDERS
Please read before using this product
SAFETY REMINDERS
TDK MLCC US Catalog
Version C11
Page 1
REMINDERS
1.
If you intend to use a product listed in this catalog for a purpose that may cause loss of life or other damage,
you must contact our company’s sales window.
2.
We may modify products or discontinue production of a product listed in this catalog without prior
notification.
3.
We provide “Delivery Specification” that explain precautions for the specifications and safety of each
product listed in this catalog. We strongly recommend that you exchange these delivery specifications with
customers that use one of these products.
4.
If you plan to export a product listed in this catalog, keep in mind that it may be a restricted item according
to the “Foreign Exchange and Foreign Trade Control Law”. In such cases, it is necessary to acquire export
permission in harmony with this law.
5.
Any reproduction or transferring of the contents of this catalog is prohibited without prior permission from
our company.
6.
We are not responsible for problems that occur related to the intellectual property rights or other rights of
our company or a third party when you use a product listed in this catalog. We do not grant license of these
rights.
7.
This catalog only applies to products purchased through our company or one of our company’s official
agencies. This catalog does not apply to products that are purchased through other third parties.


Similar Part No. - CGJ4J2X7R1C0R5MTXXXX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ4J2X7R1C101J TDK-CGJ4J2X7R1C101J Datasheet
1Mb / 12P
   CGJ series l High Reliability Series
CGJ4J2X7R1C102J TDK-CGJ4J2X7R1C102J Datasheet
1Mb / 12P
   CGJ series l High Reliability Series
CGJ4J2X7R1C104K125AA TDK-CGJ4J2X7R1C104K125AA Datasheet
1Mb / 11P
   CGJ Series High Reliability Grade General (Up to 50V)
CGJ4J2X7R1C104K125AA TDK-CGJ4J2X7R1C104K125AA_17 Datasheet
238Kb / 3P
   Multilayer Ceramic Chip Capacitors
CGJ4J2X7R1C105J TDK-CGJ4J2X7R1C105J Datasheet
1Mb / 12P
   CGJ series l High Reliability Series
More results

Similar Description - CGJ4J2X7R1C0R5MTXXXX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ2B2C0G1H101J TDK-CGJ2B2C0G1H101J Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ5L2X7R0J106KTXXXX TDK-CGJ5L2X7R0J106KTXXXX Datasheet
291Kb / 2P
   Extended Life MLCC
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
   Extended Life, 2000 hours
104CKH050M ILLINOISCAPACITOR-104CKH050M_16 Datasheet
310Kb / 3P
   Extended life 2000 hour
logo
Tadiran Batteries GmbH
SL-850 TADIRN-SL-850 Datasheet
363Kb / 1P
   XOL ??extended operating life
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_16 Datasheet
348Kb / 5P
   Extended Life, 3000 hours
TMA ILLINOISCAPACITOR-TMA Datasheet
261Kb / 3P
   Extended Life - High voltage
logo
Tadiran Batteries GmbH
SL-860 TADIRN-SL-860 Datasheet
383Kb / 1P
   XOL ??extended operating life
SL-861 TADIRN-SL-861 Datasheet
385Kb / 1P
   XOL ??extended operating life
SL-2880 TADIRN-SL-2880 Datasheet
408Kb / 1P
   XOL ??extended operating life
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com