Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8LC24 Datasheet(PDF) 5 Page - Protek Devices

Part # SM8LC24
Description  800 WATT MULTI-LINE TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM8LC24 Datasheet(HTML) 5 Page - Protek Devices

  SM8LC24 Datasheet HTML 1Page - Protek Devices SM8LC24 Datasheet HTML 2Page - Protek Devices SM8LC24 Datasheet HTML 3Page - Protek Devices SM8LC24 Datasheet HTML 4Page - Protek Devices SM8LC24 Datasheet HTML 5Page - Protek Devices SM8LC24 Datasheet HTML 6Page - Protek Devices SM8LC24 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05019.R8 10/12
Page 5
SM8LC05 - SM8LC24
So-8 PACkAGE INFoRMATIoN
oUTLINE DIMENSIoNS
DIM
MILLIMETERS
INChES
MIN
MAX
MIN
MAX
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.05 BSC
J
0.18
0.25
0.007
0.009
K
0.10
0.25
0.004
0.008
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
NoTES
1. -T- = Seating plane and datum surface.
2. Dimensions “A” and “B” are datum.
3. Dimensions “A” and “B” do not include mold protrusion.
4. Maximum mold protrusion is 0.015” (0.380mm) per side.
5. Dimensioning and tolerances per ANSI Y14.5M, 1982.
6. Dimensions are exclusive of mold flash and metal burrs.
PAD LAYoUT DIMENSIoNS
DIM
MILLIMETERS
INChES
MIN
MAX
MIN
MAX
A
1.14
1.40
0.045
0.055
B
0.64
0.89
0.025
0.035
C
6.22
-
0.245
-
D
3.94
4.17
0.155
0.165
E
1.02
1.27
0.040
0.050
NoTES
1. Controlling dimension: inches.
-A-
8
5
1
4
-B-
P
G
D
-T-
C
K
J
R x 45°
0° - 10°
F
4 PL
0.010” (0.25mm) M B
+
8 PL
0.010” (0.25mm)
B
+
A
T
A
B
C
D
E
M
M
S
S


Similar Part No. - SM8LC24

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM8LC24 MCC-SM8LC24 Datasheet
129Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SM8LC24 MICROSEMI-SM8LC24 Datasheet
91Kb / 2P
   TVSarray Series
logo
Protek Devices
SM8LC24 PROTEC-SM8LC24 Datasheet
99Kb / 4P
   LOW CAPACITANCE TVS ARRAY
SM8LC24 PROTEC-SM8LC24 Datasheet
600Kb / 7P
   800 WATT MULTI-LINE TVS ARRAY
logo
Shanghai Leiditech Elec...
SM8LC24 LEIDITECH-SM8LC24 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
More results

Similar Description - SM8LC24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SMDB05C-LFT7 PROTEC-SMDB05C-LFT7 Datasheet
515Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SM14M05C PROTEC-SM14M05C_12 Datasheet
519Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SM8LC05 PROTEC-SM8LC05_11 Datasheet
600Kb / 7P
   800 WATT MULTI-LINE TVS ARRAY
SM14M05C PROTEC-SM14M05C_11 Datasheet
517Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SMDB05 PROTEC-SMDB05_12 Datasheet
515Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SMDB05 PROTEC-SMDB05_11 Datasheet
513Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
   300 watt Multi-line TVS ARRAY
PSMDA05-18 PROTEC-PSMDA05-18_11 Datasheet
520Kb / 6P
   200 WATT MULTI-LINE TVS ARRAY
TSMDA05CM PROTEC-TSMDA05CM_11 Datasheet
500Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6_12 Datasheet
506Kb / 6P
   350 WATT MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com