Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31BL3229 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS31BL3229
Description  8-LED BACKLIGHT DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31BL3229 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS31BL3229 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31BL3229 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31BL3229 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31BL3229 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31BL3229 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31BL3229 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31BL3229 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31BL3229 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31BL3229 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IS31BL3229
Integrated Silicon Solution, Inc. – www.issi.com
1
Rev.A, 09/17/2012
8-LED BACKLIGHT DRIVER
October 2012
GENERAL DESCRIPTION
The IS31BL3229 with a smart charge-pump circuit is a
parallel white-LED driver with eight matched 20mA
current outputs. It can supply a total output current of
160mA over an input voltage range of 2.7V to 5.5V.
IS31BL3229 typically draws less than 1µA when placed
in shutdown, and 0.7mA when operating in the no-load
and 1X mode condition. If any of the outputs are not
used, leave the pin(s) unconnected. Brightness can be
controlled by simple-series-control techniques and
external PWM signal.
IS31BL3229 is available in QFN-20 (3mm × 3mm). It
operates from 2.7V to 5.5V over the temperature range
of -40°C to +85°C.
FEATURES
Supply voltage: 2.7V ~ 5.5V
1X, 1.5X operating mode
fade in and fade out mode
Output current can be 25mA
32 current level and PWM intensity control
Low input current ripple, low EMI
90% high efficiency
No inductors, low noise operation
Over voltage protection on output
Built-in thermal protection
Automatic soft start
Built-in thermal protection
QFN-20 (3mm × 3mm ) package
APPLICATIONS
Cell phone, smart phone, PDA
Mp3, Mp4, PMP
White LED backlighting
TYPICAL APPLICATION CIRCUIT
Figure 1
Typical Application Circuit
Note 1:
PWM pin should be pulled high if modulated by EN pin only. EN pin should be pulled high if modulated with PWM pin only. Please refer
to Page 8 for detail information.
Note 2:
The fade in and fade out mode is only available when shut down and enable the IC by EN pin.
Note 3:
D1 must be connected and others can be floating in less than 8 LEDs application.
Note 4:
The IC should be placed far away from the mobile antenna in order to prevent the EMI.


Similar Part No. - IS31BL3229

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3228AB ISSI-IS31BL3228AB Datasheet
310Kb / 11P
   Built-in thermal protection
More results

Similar Description - IS31BL3229

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
   LED Backlight Driver
NHD-5.7F-LED NEWHAVEN-NHD-5.7F-LED Datasheet
339Kb / 3P
   LED Backlight Driver
logo
List of Unclassifed Man...
DF6113 ETC2-DF6113 Datasheet
1Mb / 7P
   LED Backlight Driver
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070 Datasheet
1Mb / 34P
   LED Backlight Driver
Rev 0; 9/14
logo
Holtek Semiconductor In...
HT7963 HOLTEK-HT7963 Datasheet
2Mb / 11P
   LED Backlight Driver
logo
ON Semiconductor
NCS29001 ONSEMI-NCS29001 Datasheet
208Kb / 16P
   LED Backlight Driver
October, 2013 ??Rev. 1
logo
NXP Semiconductors
UBA3070 NXP-UBA3070 Datasheet
78Kb / 13P
   LED backlight driver IC
Rev. 02-2 December 2008
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
logo
National Semiconductor ...
LP5520 NSC-LP5520 Datasheet
1,022Kb / 34P
   RGB Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com